Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8286 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A8286
Description  Dual LNB Supply and Control Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8286 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A8286 Datasheet HTML 6Page - Allegro MicroSystems A8286 Datasheet HTML 7Page - Allegro MicroSystems A8286 Datasheet HTML 8Page - Allegro MicroSystems A8286 Datasheet HTML 9Page - Allegro MicroSystems A8286 Datasheet HTML 10Page - Allegro MicroSystems A8286 Datasheet HTML 11Page - Allegro MicroSystems A8286 Datasheet HTML 12Page - Allegro MicroSystems A8286 Datasheet HTML 13Page - Allegro MicroSystems A8286 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Dual LNB Supply and Control Voltage Regulator
A8286
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
A8286 always responds by resetting the data transfer sequence.
The Read/Write bit is used to determine the data transfer direc-
tion. If the Read/Write bit is high, the master reads the contents of
register 1, followed by register 2 if a further read is performed. If
the Read/Write bit is low, the master writes data to one of the four
Control registers. Note that multiple writes are not permitted. All
write operations must be preceded with the address.
The Acknowledge bit has two functions. It is used by the master
to determine if the slave device is responding to its address and
data, and it is used by the slave when the master is reading data
back from the slave. When the A8286 decodes the 7-bit address
field as a valid address, it responds by pulling SDA low during the
ninth clock cycle.
During a data write from the master, the A8286 also pulls SDA
low during the clock cycle that follows the data byte, in order to
indicate that the data has been successfully received. In both cases,
the master device must release the SDA line before the ninth clock
cycle, in order to allow this handshaking to occur.
During a data read, the A8286 acknowledges the address in the
same way as in the data write sequence, and then retains control
of the SDA line and send the data from register 1 to the master.
On completion of the eight data bits, the A8286 releases the SDA
line before the ninth clock cycle, in order to allow the master to
acknowledge the data. If the master holds the SDA line low dur-
ing this Acknowledge bit, the A8286 responds by sending the data
from register 2 to the master. Data bytes continue to be sent to the
master until the master releases the SDA line during the Acknowl-
edge bit. When this is detected, the A8286 stops sending data and
waits for a stop signal.
1
2
3
4
5
6
7
8
9
0
0
0
1
0
A1
A0
0
AK
AK
I0
D5
D4
D3
D2
D1
D0
I1
Control Data
Address
Start
W
Stop
SDA
SCL
0
0
0
1
0
A1
A0
1
AK
D6
D5
D4
D3
D2
D1
D0
D7
NAK
Status Register 1
Address
Start
R
Stop
1
2
3
4
5
6
7
8
9
SDA
SCL
0
0
0
1
0
A1
A0
1
AK
D6
D5
D4
D3
D2
D1
D0
D7
-
-
-
D3
D2
D1
D0
-
AK
NAK
Status Data in Register 2
Address
Start
R
Stop
Status Data in Register 1
1
2
3
4
5
6
7
8
9
SDA
SCL
acknowledge
from LNBR
acknowledge
from LNBR
acknowledge
from LNBR
no acknowledge
from master
no acknowledge
from master
acknowledge
from LNBR
acknowledge
from LNBR
Write to Register
Read One Byte from Register
Read Multiple Bytes from Register
Figure 3. I2C™ Interface. Read and write sequences.


Similar Part No. - A8286

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8286 ALLEGRO-A8286 Datasheet
411Kb / 19P
   Dual LNB Supply and Control Voltage Regulator
February 15, 2012
A8286SETTR-TB ALLEGRO-A8286SETTR-TB Datasheet
411Kb / 19P
   Dual LNB Supply and Control Voltage Regulator
February 15, 2012
More results

Similar Description - A8286

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8292 ALLEGRO-A8292 Datasheet
408Kb / 19P
   Dual LNB Supply and Control Voltage Regulator
February 15, 2012
A8292 ALLEGRO-A8292 Datasheet
383Kb / 20P
   Dual LNB Supply and Control Voltage Regulator
A8286 ALLEGRO-A8286 Datasheet
411Kb / 19P
   Dual LNB Supply and Control Voltage Regulator
February 15, 2012
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
   LNB Supply and Control Voltage Regulator
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
logo
Allegro MicroSystems
A8297SETTR-T ALLEGRO-A8297SETTR-T Datasheet
143Kb / 1P
   A8297 Dual LNB Supply and Control Voltage Regulator
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
   LNB Supply and control voltage regulator
logo
Allegro MicroSystems
A8285SLBTR-T ALLEGRO-A8285SLBTR-T Datasheet
470Kb / 18P
   LNB Supply and Control Voltage Regulator
8283 ALLEGRO-8283 Datasheet
157Kb / 8P
   LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
November 21, 2000
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
   LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com