Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACS756 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part No. ACS756
Description  The Allegro ACS756 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing in industrial, automotive, commercial, and communications systems.
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

ACS756 Datasheet(HTML) 10 Page - Allegro MicroSystems

 
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with 3 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS756
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package CA, 5-pin package, leadform PFF
4
R1
1.91
3
21.4
0.5
R3
0.8
1.5
0.5
R2
Perimeter through-holes recommended
1º±2°
5º±5°
B
23
14.0±0.2
17.5±0.2
4.0±0.2
3.0±0.2
2.9±0.2
3.5±0.2
3.5±0.2
10.00±0.10
13.00±0.10
0.51±0.10
4.40±0.10
7.00±0.10
1.9±0.2
1.50±0.10
1
4
5
A
A
C
B
C
B
Branding scale and appearance at supplier discretion
Dambar removal intrusion
For Reference Only; not for tooling use (reference DWG-9111, DWG-9110)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
Standard Branding Reference View
N = Device part number
T = Temperature code
A = Amperage range
L = Lot number
Y = Last two digits of year of manufacture
W = Week of manufacture
= Supplier emblem
Branded
Face
0.381 +0.060
–0.030
1
NNNNNNN
TTT - AAA
LLLLLLL
YYWW
PCB Layout Reference View


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn