Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACS756 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part No. ACS756
Description  The Allegro ACS756 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing in industrial, automotive, commercial, and communications systems.
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

ACS756 Datasheet(HTML) 7 Page - Allegro MicroSystems

 
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with 3 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS756
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Sensitivity (Sens). The change in device output in response to a
1A change through the primary conductor. The sensitivity is the
product of the magnetic circuit sensitivity (G /A) and the linear
IC amplifier gain (mV/G). The linear IC amplifier gain is pro-
grammed at the factory to optimize the sensitivity (mV/A) for the
half-scale current of the device.
Noise (VNOISE). The noise floor is derived from the thermal and
shot noise observed in Hall elements. Dividing the noise (mV)
by the sensitivity (mV/A) provides the smallest current that the
device is able to resolve.
Nonlinearity (ELIN). The degree to which the voltage output
from the IC varies in direct proportion to the primary current
through its half-scale amplitude. Nonlinearity in the output can be
attributed to the saturation of the flux concentrator approaching
the half-scale current. The following equation is used to derive
the linearity:
100 1–
[
{
[ {
VIOUT_half-scale amperes –VIOUT(Q)
Δ gain × % sat (
)
2 (VIOUT_quarter-scale amperes –VIOUT(Q) )
where
∆ gain = the gain variation as a function of temperature
changes from 25ºC,
% sat = the percentage of saturation of the flux concentra-
tor, which becomes significant as the current being sampled
approaches half-scale ±IP , and
VIOUT_half-scale amperes = the output voltage (V) when the
sampled current approximates half-scale ±IP .
Symmetry (ESYM). The degree to which the absolute voltage
output from the IC varies in proportion to either a positive or
negative half-scale primary current. The following equation is
used to derive symmetry:
100
VIOUT_+ half-scale amperes –VIOUT(Q)
VIOUT(Q) – VIOUT_–half-scale amperes

Ratiometry. The device features a ratiometric output. This
means that the quiescent voltage output, VIOUTQ, and the mag-
netic sensitivity, Sens, are proportional to the supply voltage, VCC.
The ratiometric change (%) in the quiescent voltage output is
defined as:
VCC
5 V
VIOUTQ(V
CC)
VIOUTQ(5V)
VIOUTQ( V) =
%
and the ratiometric change (%) in sensitivity is defined as:
VCC
5 V
=
%
Sens( V
Sens(V
CC
Sens( V
Quiescent output voltage (VIOUT(Q)). The output of the device
when the primary current is zero. For a unipolar supply voltage,
it nominally remains at VCC⁄ 2. Thus, VCC = 5 V translates into
VIOUT(Q) = 2.5 V. Variation in VOUT(Q) can be attributed to the res-
olution of the Allegro linear IC quiescent voltage trim, magnetic
hysteresis, and thermal drift.
Electrical offset voltage (VOE). The deviation of the device out-
put from its ideal quiescent value of VCC⁄ 2 due to nonmagnetic
causes.
Magnetic offset error (IERROM). The magnetic offset is due to
the residual magnetism (remnant field) of the core material. The
magnetic offset error is highest when the magnetic circuit has
been saturated, usually when the device has been subjected to a
full-scale or high-current overload condition. The magnetic offset
is largely dependent on the material used as a flux concentrator.
The larger magnetic offsets are observed at the lower operating
temperatures.
Total Output Error (ETOT). The maximum deviation of the
actual output from its ideal value, also referred to as accuracy,
illustrated graphically in the output voltage versus current chart
on the following page.
ETOT is divided into four areas:
 0 A at 25°C. Accuracy at the zero current flow at 25°C, with-
out the effects of temperature.
 0 A over Δ temperature. Accuracy at the zero current flow
including temperature effects.
 Half-scale current at 25°C. Accuracy at the the half-scale current
at 25°C, without the effects of temperature.
 Half-scale current over Δ temperature. Accuracy at the half-
scale current flow including temperature effects.
Definitions of Accuracy Characteristics


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn