Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACS756 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part No. ACS756
Description  The Allegro ACS756 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing in industrial, automotive, commercial, and communications systems.
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

ACS756 Datasheet(HTML) 6 Page - Allegro MicroSystems

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with 3 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS756
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
X100 PERFORMANCE CHARACTERISTICS over Range S1: TOP = –20°C to 85°C, VCC= 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Primary Sampled Current
IP
–100
100
A
Sensitivity
SensTA
Half scale of IP applied for 5 ms, TA = 25°C
20
mV/A
SensTOP Half scale of IP applied for 5 ms
18.2
21.8
mV/A
Noise2
VNOISE
TA= 25°C, 10 nF on VIOUT pin to GND
6
mV
Nonlinearity
ELIN(HT)
Up to full scale of IP, IP applied for 5 ms, TOP = 25°C to 85°C
– 1.75
1.75
%
ELIN(LT)
Up to full scale of IP, IP applied for 5 ms, TOP = –20°C to 25°C
– 1
1
%
Electrical Offset Voltage3
VOE(TA)
IP = 0 A, TA = 25°C
±2
mV
VOE(TOP)HT IP = 0 A, TOP = 25°C to 85°C
–30
30
mV
VOE(TOP)LT IP = 0 A, TOP = –20°C to 25°C
–30
30
mV
Total Output Error4
ETOT(HT)
Over full scale of IP, IP applied for 5 ms, TOP = 25°C to 85°C
–8
8
%
ETOT(LT)
Over full scale of IP, IP applied for 5 ms, TOP = –20°C to 25°C
–7
7
%
1Device may be operated at higher primary current levels, IP, and ambient temperatures, TOP, provided that the Maximum Junction Temperature,
TJ(max), is not exceeded.
26σ noise voltage.
3VOE(TOP) drift is referred to ideal VOE = 2.5 V at 0 A.
4Percentage of IP, with IP = 25 A. Output filtered.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn