Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5305 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5305
Description  2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5305 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5305 Datasheet HTML 2Page - Analog Devices AD5305 Datasheet HTML 3Page - Analog Devices AD5305 Datasheet HTML 4Page - Analog Devices AD5305 Datasheet HTML 5Page - Analog Devices AD5305 Datasheet HTML 6Page - Analog Devices AD5305 Datasheet HTML 7Page - Analog Devices AD5305 Datasheet HTML 8Page - Analog Devices AD5305 Datasheet HTML 9Page - Analog Devices AD5305 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. F
–6–
AD5305/AD5315/AD5325
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
10
9
8
7
6
1
2
3
4
5
VDD
VOUTA
GND
SDA
SCL
VOUTD
AD5305/
AD5315/
AD5325
VOUTB
VOUTC
REFIN
A0
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1VDD
Power Supply Input. These parts can be operated from 2.5 V to 5.5 V and the supply should be
decoupled to GND.
2VOUTABuffered Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
3VOUTBBuffered Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
4VOUTCBuffered Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation.
5
REFIN
Reference Input Pin for All Four DACs. It has an input range from 0.25 V to VDD.
6VOUTDBuffered Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation.
7GND
Ground Reference Point for All Circuitry on the Part.
8
SDA
Serial Data Line. This is used in conjunction with the SCL line to clock data into or out of the 16-bit
input shift register. It is a bidirectional open-drain data line that should be pulled to the supply with an
external pull-up resistor.
9
SCL
Serial Clock Line. This is used in conjunction with the SDA line to clock data into or out of the 16-bit
input shift register. Clock rates of up to 400 kbit/s can be accommodated in the 2-wire interface.
10
A0
Address Input. Sets the least significant bit of the 7-bit slave address.
TERMINOLOGY
Relative Accuracy
For the DAC, relative accuracy or integral nonlinearity (INL) is
a measure of the maximum deviation, in LSB, from a straight
line passing through the endpoints of the DAC transfer function.
Typical INL versus code plots can be seen in TPCs 1, 2, and 3.
Differential Nonlinearity
Differential nonlinearity (DNL) is the difference between the
measured change and the ideal 1 LSB change between any two
adjacent codes. A specified differential nonlinearity of
±1 LSB
maximum ensures monotonicity. This DAC is guaranteed
monotonic by design. Typical DNL versus code plots can be
seen in TPCs 4, 5, and 6.
Offset Error
This is a measure of the offset error of the DAC and the output
amplifier. It is expressed as a percentage of the full-scale range.
Gain Error
This is a measure of the span error of the DAC. It is the devia-
tion in slope of the actual DAC transfer characteristic from the
ideal expressed as a percentage of the full-scale range.
Offset Error Drift
This is a measure of the change in offset error with changes in
temperature. It is expressed in (ppm of full-scale range)/
°C.
Gain Error Drift
This is a measure of the change in gain error with changes in
temperature. It is expressed in (ppm of full-scale range)/
°C.
Power Supply Rejection Ratio (PSRR)
This indicates how the output of the DAC is affected by changes
in the supply voltage. PSRR is the ratio of the change in VOUT to
a change in VDD for full-scale output of the DAC. It is measured
in dB. VREF is held at 2 V and VDD is varied
±10%.
DC Crosstalk
This is the dc change in the output level of one DAC at midscale
in response to a full-scale code change (all 0s to all 1s and vice
versa) and output change of another DAC. It is expressed in
µV.
Reference Feedthrough
This is the ratio of the amplitude of the signal at the DAC out-
put to the reference input when the DAC output is not being
updated. It is expressed in dB.


Similar Part No. - AD5305

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5305 AD-AD5305 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5305 AD-AD5305 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5305 AD-AD5305 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5305 AD-AD5305 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5305 AD-AD5305 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
More results

Similar Description - AD5305

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5334 AD-AD5334 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5301 AD-AD5301 Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5315BRMZ AD-AD5315BRMZ Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5305ARM AD-AD5305ARM Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5337 AD-AD5337 Datasheet
654Kb / 24P
   2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
REV. A
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com