Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD53041KRP Datasheet(PDF) 3 Page - Analog Devices

Part # AD53041KRP
Description  High Speed Active Load with Inhibit Mode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53041KRP Datasheet(HTML) 3 Page - Analog Devices

  AD53041KRP Datasheet HTML 1Page - Analog Devices AD53041KRP Datasheet HTML 2Page - Analog Devices AD53041KRP Datasheet HTML 3Page - Analog Devices AD53041KRP Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
–3–
REV. A
AD53041
Parameter
Min
Typ
Max
Units
Test Conditions
LEAKAGE CURRENTS
Range 0, Bridge Diode Leakage Not Included
IOH Inhibit-Mode Leakage
–1
1
µA
V(IOHOUT) = –2.5 V to 7.5 V, Inhibited
IOL Inhibit-Mode Leakage
–1
1
µA
V(IOLOUT) = –2.5 V to 7.5 V, Inhibited
IOH Off-State Leakage
–3
3
µAV(I
OHOUT) = –2.5 V to 7.5 V, V(IOHPGM)
= –0.2 V
IOL Off-State Leakage
–3
3
µAV(I
OLOUT) = –2.5 V to 7.5 V, V(IOLPGM)
= –0.2 V
DYNAMIC PERFORMANCE
Propagation Delays
±I
MAX to Inhibit
1.4
ns
Range 0, IMAX, RLOAD = 50 Ω
Part-to-Part Skew
1
ns
Inhibit to
±I
MAX
1.9
ns
Range 0, IMAX, RLOAD = 50
Part-to-Part Skew
1
ns
Propagation Delay Drift
10
ps/
°C
±I
MAX to Inhibit, Inhibit to
±I
MAX
Capacitance
3
pF
IOHOUT or IOLOUT Without Diodes
POWER SUPPLIES
–VS to +VS Range
15.2
15.7
16.2
V
Positive Supply Range
10.2
10.5
10.8
V
Negative Supply Range
–5.4
–5.2
–5.0
V
Positive Supply Current
160
mA
Range 0, V(IOHPGM) =
V(IOLPGM) = 5.0 V, Active
10
60
mA
Range 0, V(IOHPGM) =
V(IOLPGM) = 200 mV, Active
Negative Supply Current
160
mA
Range 0, V(IOHPGM) =
V(IOLPGM) = 5.0 V, Active
10
60
mA
Range 0, V(IOHPGM) =
V(IOLPGM) = 200 mV, Active
Power Dissipation
2.1
2.3
W
IOH = 50 mA, IOL = –50 mA, Active,
V(IOHOUT) = 7 V, V(IOLOUT) = –2 V
NOTES
Typical values are not tested or guaranteed.
Specifications subject to change without notice.
Table I. Active Load Truth Table
(Including External Diode Bridge per Figure 1; Scale Factors per Functional Block Diagram)
OUTPUT STATES (IFS Is Full-Scale Current Set by GAINA, GAINB)
V(DUT)
INH
INH
IOH
IOL
I(VDUT)
< VCOM
0
1
[V(IOHPGM)
÷ 5 V] × IFS
[V(IOLPGM)
÷ 5 V] × IFS
IOL
> VCOM
0
1
[V(IOHPGM)
÷ 5 V] × IFS
[V(IOLPGM)
÷ 5 V] × IFS
IOH
X1
0
0
0
0
Figure 2. Inhibit Propagation Delay Measurement
tpdIH
tpdIL
tpdAH
tpdAL
Vact–
Vact+
VDUT
VDUT
ECL+
ECL–
PARAMETER
tpdAH
tpdIL
tpdAH
tpdIH
DESCRIPTION
IOL Inh → Act
IOL Act → Inh
IOH Inh → Act
IOH Act → Inh
IOL
50mA
50mA
50mA
50mA
IOH
50mA
50mA
50mA
50mA
VDUT
0V
0V
5V
5V
MEASURE POINT
0.50V
2.00V
4.50V
3.00V
PROPAGATION DELAY LOAD AND TEST CONDITIONS


Similar Part No. - AD53041KRP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5304 AD-AD5304 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5304 AD-AD5304 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5304 AD-AD5304 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5304 AD-AD5304 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5304 AD-AD5304 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
More results

Similar Description - AD53041KRP

ManufacturerPart #DatasheetDescription
logo
HANAMICRON
AD1315 HANAMICRON-AD1315 Datasheet
247Kb / 8P
   High Speed Active Load with Inhibit Mode
logo
Analog Devices
AD1324 AD-AD1324 Datasheet
549Kb / 12P
   Ultrahigh Speed Pin Driver with Inhibit Mode
AD53040 AD-AD53040 Datasheet
114Kb / 7P
   Ultrahigh Speed Pin Driver with Inhibit Mode
REV. B
AD1322 AD-AD1322_15 Datasheet
3Mb / 12P
   ULTRAHIGH SPEED PIN DRIVER WITH INHIBIT MODE
logo
Vicor Corporation
PI2122 VICOR-PI2122 Datasheet
964Kb / 19P
   12Amp Active ORing Solution With Load Disconnect
PI2002-EVAL1 VICOR-PI2002-EVAL1 Datasheet
777Kb / 11P
   PI2002-EVAL1 Active ORing With Load Disconnect
PI2002 VICOR-PI2002 Datasheet
1Mb / 23P
   Active ORing Controller IC with Load Disconnect Feature
logo
Sharp Corporation
PC810 SHARP-PC810 Datasheet
67Kb / 4P
   High Speed Under High Load Resistance Photocoupler
logo
TelCom Semiconductor, I...
TC4403 TELCOM-TC4403 Datasheet
68Kb / 5P
   1.5A HIGH-SPEED, FLOATING LOAD DRIVER
logo
Microchip Technology
TC4403 MICROCHIP-TC4403_13 Datasheet
283Kb / 16P
   1.5A High-Speed, Floating Load Driver
2002-2012 11/27/12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com