Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6262KLYTR-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A6262KLYTR-T
Description  The A6262 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6262KLYTR-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A6262KLYTR-T Datasheet HTML 3Page - Allegro MicroSystems A6262KLYTR-T Datasheet HTML 4Page - Allegro MicroSystems A6262KLYTR-T Datasheet HTML 5Page - Allegro MicroSystems A6262KLYTR-T Datasheet HTML 6Page - Allegro MicroSystems A6262KLYTR-T Datasheet HTML 7Page - Allegro MicroSystems A6262KLYTR-T Datasheet HTML 8Page - Allegro MicroSystems A6262KLYTR-T Datasheet HTML 9Page - Allegro MicroSystems A6262KLYTR-T Datasheet HTML 10Page - Allegro MicroSystems A6262KLYTR-T Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Automotive LED Array Driver
A6262
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
As the junction temperature of the A6262 increases, the regulated
current level is reduced, reducing the dissipated power in the
A6262 and in the LEDs. The current is reduced from the 100%
level at typically 4% per degree Celsius until the point at which
the current drops to 25% of the full value, defined at TJL. Above
this temperature the current will continue to reduce at a lower
rate until the temperature reaches the overtemperature shutdown
threshold temperature, TJF.
The temperature at which the current reduction begins can be
adjusted by changing the voltage on the THTH pin. When THTH
is left open the temperature at which the current reduction begins
is defined as the thermal monitor activation temperature, TJM, and
is specified, in the characteristics table, at the 90% current level.
TJM will increase as the voltage at the THTH pin, VTHTH, is
reduced and is defined as approximately:
0.0039
=
TJM
(°C)
1.46 –VTHTH
(3)
A resistor connected between THTH and GND will reduce VTHTII
and increase TJM. A resistor connected between THTH and a refer-
ence supply greater than 1 V will increase VTHTH and reduce TJM.
Figure 3 shows how the nominal value of the thermal monitor
activation temperature varies with the voltage at THTH and with
either a pull-down resistor, RTH, to GND or with a pull-up resis-
tor, RTH, to 3 V and to 5 V.
In extreme cases, if the chip temperature exceeds the overtem-
perature limit, TJF, all regulators will be disabled. The tempera-
ture will continue to be monitored and the regulators re-activated
when the temperature drops below the threshold provided by the
specified hysteresis.
Note that it is possible for the A6262 to transition rapidly
between thermal shutdown and normal operation. This can hap-
pen if the thermal mass attached to the exposed thermal pad is
small and TJM is increased to close to the shutdown temperature.
The period of oscillation will depend on TJM, the dissipated
power, the thermal mass of any heatsink present, and the ambient
temperature.
100
80
60
40
20
0
TJM
TJL
TJF
90
25
70
90
110
Junction Temperature, TJ (°C)
130
150
170
Figure 2. Temperature monitor current reduction.
250
200
150
100
50
0
1.3
1.2
1.1
1.0
0.9
0.8
VTHTH
70
80
90
110
100
Thermal Monitor Activation Temperature, TJM (°C)
130
120
150
140
RTH pull-up
to 5 V
RTH pull-up
to 3 V
RTH pull-down
to GND
Figure 3. TJM versus a pull-up or pull-down resistor, RTH, and VTHTH.


Similar Part No. - A6262KLYTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6260 ALLEGRO-A6260 Datasheet
290Kb / 10P
   High Brightness LED Current Regulator
A6260KLJTR-T ALLEGRO-A6260KLJTR-T Datasheet
290Kb / 10P
   High Brightness LED Current Regulator
A6260_V ALLEGRO-A6260_V Datasheet
302Kb / 12P
   High Brightness LED Current Regulator
A6261 ALLEGRO-A6261 Datasheet
358Kb / 15P
   The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
A6261ELPTR-T ALLEGRO-A6261ELPTR-T Datasheet
358Kb / 15P
   The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
More results

Similar Description - A6262KLYTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6261 ALLEGRO-A6261 Datasheet
358Kb / 15P
   The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
A6264 ALLEGRO-A6264 Datasheet
374Kb / 16P
   The A6264 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
logo
SHOUDING Shouding Semic...
SD4056 SHOUDING-SD4056 Datasheet
383Kb / 16P
   High capacity of up to 1000 mA programmable charge current
logo
SHANGHAI BELLING CO., L...
BL59A66 BELLING-BL59A66 Datasheet
351Kb / 4P
   The BL59A66 is a low-current BiCMOS circuit providing all of the features
logo
List of Unclassifed Man...
SERIES ETC2-SERIES_61 Datasheet
925Kb / 9P
   Choose one component from each of the colored sections to assemble a complete switch.
logo
Allegro MicroSystems
APS13568 ALLEGRO-APS13568 Datasheet
556Kb / 22P
   Linear LED drive up to 150 mA
logo
PHOENIX CONTACT
REL-MR-110DC PHOENIX-REL-MR-110DC Datasheet
111Kb / 5P
   Switching current of up to 16 A
logo
Allegro MicroSystems
UDN2987X-6 ALLEGRO-UDN2987X-6_12 Datasheet
253Kb / 9P
   Providing overcurrent protection for each of its eight sourcing outputs, the UDN2987LW-6 driver is used as an..
A6267 ALLEGRO-A6267 Datasheet
349Kb / 17P
   The A6267 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
A6265 ALLEGRO-A6265 Datasheet
349Kb / 17P
   The A6265 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com