Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6261KLPTR-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A6261KLPTR-T
Description  The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6261KLPTR-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A6261KLPTR-T Datasheet HTML 2Page - Allegro MicroSystems A6261KLPTR-T Datasheet HTML 3Page - Allegro MicroSystems A6261KLPTR-T Datasheet HTML 4Page - Allegro MicroSystems A6261KLPTR-T Datasheet HTML 5Page - Allegro MicroSystems A6261KLPTR-T Datasheet HTML 6Page - Allegro MicroSystems A6261KLPTR-T Datasheet HTML 7Page - Allegro MicroSystems A6261KLPTR-T Datasheet HTML 8Page - Allegro MicroSystems A6261KLPTR-T Datasheet HTML 9Page - Allegro MicroSystems A6261KLPTR-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Protected LED Array Driver
A6261
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Operation with Fewer LED Strings or Higher Currents
The A6261 may be configured to use fewer than four LED
strings, either by connecting outputs together for higher cur-
rents, or by connecting the output directly to VIN to disable the
regulator for that output. When a regulator is disabled it will
not indicate an open load and will not affect the fault flag or the
operation of the remaining regulator outputs.
Sleep Mode
When EN is held low the A6261 will be in shutdown mode and
all sections will be in a low power sleep mode. The input current
will be typically less than 10 μA. This means that the complete
circuit, including LEDs, may remain connected to the power sup-
ply under all conditions.
Safety Features
The circuit includes several features to ensure safe operation and
to protect the LEDs and the A6261:
• The current regulators between VIN and each LAx output pro-
vide a natural current limit due to the regulation.
• Each LAx output includes a short-to-ground detector that will
disable the output to limit the dissipation.
• An open circuit on any output will disable all outputs.
• The thermal monitor reduces the regulated current as the tem-
perature rises.
• Thermal shutdown completely disables the outputs under ex-
treme overtemperature conditions.
Short Circuit Detection
A short-to-ground on any LED
cathode (figure 1A) will not result in a short fault condition. The
current through the remaining LEDs will remain in regulation and
the LEDs will be protected. Due to the difference in the voltage
drop across the LEDs, as a result of the short the current match-
ing in the A6261 may exceed the specified limits.
Any LAx output that is pulled below the short detect voltage
(figure 1B) will disable the regulator on that output and allow
the fault flag, FF, to go high. A small current will be sourced
from the disabled output to monitor the short and detect when
it is removed. When the voltage at LAx rises above the short
detect voltage the fault flag will be removed and the regulator
re-enabled.
A shorted LED (figure 1C) will not result in a short fault condi-
tion. The current through the remaining LEDs will remain in
regulation and the LEDs will be protected. Due to the difference
in the voltage drop across the LEDs, as a result of the short, the
current matching in the A6261 may exceed the specified limits.
A short between LEDs in different strings (figure 1D) will not
result in a short fault condition. The current through the remain-
A6261
LA1
VIN
GND
LA2
LA3
LA4
A6261
LA1
VIN
GND
LA2
LA3
LA4
A6261
LA1
VIN
GND
LA2
LA3
LA4
A6261
LA1
VIN
GND
LA2
LA3
LA4
A. Any LED cathode short-to-ground.
Current remains regulated in
non-shorted LEDs. Matching may be
affected. FF is low.
B. Any LAx output short-to-ground.
Shorted output is disabled. Other
outputs remain active. FF is high.
C. Shorted LEDs.
Current remains regulated.
Matching may be affected.
Only the shorted LED is inactive.
FF is low.
D. Short between LEDs in different
strings. Current remains regulated.
Current is summed and shared by
affected strings. Intensity match
dependent on voltage binning.
FF is low.
Figure 1. Short circuit conditions.


Similar Part No. - A6261KLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6260 ALLEGRO-A6260 Datasheet
290Kb / 10P
   High Brightness LED Current Regulator
A6260KLJTR-T ALLEGRO-A6260KLJTR-T Datasheet
290Kb / 10P
   High Brightness LED Current Regulator
A6260_V ALLEGRO-A6260_V Datasheet
302Kb / 12P
   High Brightness LED Current Regulator
A6262 ALLEGRO-A6262 Datasheet
359Kb / 15P
   The A6262 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
A6262KLPTR-T ALLEGRO-A6262KLPTR-T Datasheet
359Kb / 15P
   The A6262 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
More results

Similar Description - A6261KLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6262 ALLEGRO-A6262 Datasheet
359Kb / 15P
   The A6262 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
A6264 ALLEGRO-A6264 Datasheet
374Kb / 16P
   The A6264 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
logo
SHOUDING Shouding Semic...
SD4056 SHOUDING-SD4056 Datasheet
383Kb / 16P
   High capacity of up to 1000 mA programmable charge current
logo
SHANGHAI BELLING CO., L...
BL59A66 BELLING-BL59A66 Datasheet
351Kb / 4P
   The BL59A66 is a low-current BiCMOS circuit providing all of the features
logo
List of Unclassifed Man...
SERIES ETC2-SERIES_61 Datasheet
925Kb / 9P
   Choose one component from each of the colored sections to assemble a complete switch.
logo
Allegro MicroSystems
APS13568 ALLEGRO-APS13568 Datasheet
556Kb / 22P
   Linear LED drive up to 150 mA
logo
PHOENIX CONTACT
REL-MR-110DC PHOENIX-REL-MR-110DC Datasheet
111Kb / 5P
   Switching current of up to 16 A
logo
Allegro MicroSystems
UDN2987X-6 ALLEGRO-UDN2987X-6_12 Datasheet
253Kb / 9P
   Providing overcurrent protection for each of its eight sourcing outputs, the UDN2987LW-6 driver is used as an..
A6267 ALLEGRO-A6267 Datasheet
349Kb / 17P
   The A6267 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
A6265 ALLEGRO-A6265 Datasheet
349Kb / 17P
   The A6265 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com