Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6210GEUTR-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A6210GEUTR-T
Description  The A6210 is a buck regulator that uses valley current-mode control.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6210GEUTR-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A6210GEUTR-T Datasheet HTML 2Page - Allegro MicroSystems A6210GEUTR-T Datasheet HTML 3Page - Allegro MicroSystems A6210GEUTR-T Datasheet HTML 4Page - Allegro MicroSystems A6210GEUTR-T Datasheet HTML 5Page - Allegro MicroSystems A6210GEUTR-T Datasheet HTML 6Page - Allegro MicroSystems A6210GEUTR-T Datasheet HTML 7Page - Allegro MicroSystems A6210GEUTR-T Datasheet HTML 8Page - Allegro MicroSystems A6210GEUTR-T Datasheet HTML 9Page - Allegro MicroSystems A6210GEUTR-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3 A, 2 MHz Buck-Regulating LED Driver
A6210
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
of physically small, low value inductors. An output capacitor is
not necessary either to reduce the ripple current or to close the
control loop.
High efficiencies are achieved via drive circuits optimized to
minimize switching losses and the current sense voltage has a
typical voltage drop of only 183 mV. The current in the LED
string can be pulse width modulated (PWM) via the DIS (Dis-
able/Enable) pin. See figure 4.
The actual current control is maintained on the valley of the cur-
rent ripple. The average LED current is the valley level plus half
the inductor ripple current, as shown in figure 2.
To avoid potential mistriggering issues, it is recommended that
the ripple current that flows through the sense resistor (R2) does
not develop a ripple voltage of less than 20 mV.
The average LED current can be found from:
Iav
IVALLEY +
=,
2
IRIPPLE
(4)
substituting values:
Iav
ton
=
,
R2
183 mV


L
VIN –VLED
×
×
1
2
+
(5)
where:
ton =
.
V
IN +Vf
V
LED +Vf
×
1
f
SW
(6)
Note: Vf is the forward voltage drop of the recirculation diode
and sense resistor (R2). The valley current is determined by the
sense voltage (183 mV) divided by the sense resistor.
Worked example
This example uses the brief specification outlined in the typical
application circuit on page 1. The following information is used
as a starting point:
VIN = 24 V ,
3 LEDs producing VLED = 12 V ,
ILED = 500 mA, and
LED ripple current, IRIPPLE = 60 mA .
The duty cycle can be found initially. Assume the forward voltage
drop of the re-circulation diode is 400 mV, and that the sense
resistor is 183 mV. Then:
D
0.39
=
.
VIN +Vf
VLED +Vf
==
12 + 0.58
24 + 0.58
(7)
One of the objectives is to maximize the switching frequency to
minimize the inductor value. When driving at very high switching
frequencies, the duty cycle may be limited due to the minimum
Average
LED Current
ton + toff = 1/ fSW
1/
2 I
RIPPLE
Time
Valley Current
0
ton
toff
Figure 2. Current control
Figure 1. Switching frequency versus value of external resistor R1 on the
TON pin.
400
600
800
1000
1200
1400
1600
1800
2000
104
105
106
Resistor, R1 (kΩ)
1 LED
2 LEDs
3 LEDs
4 LEDs
5 LEDs


Similar Part No. - A6210GEUTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6210GEUTR-T ALLEGRO-A6210GEUTR-T Datasheet
448Kb / 11P
   3 A, 2 MHz Buck-Regulating LED Driver
More results

Similar Description - A6210GEUTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4403_V ALLEGRO-A4403_V Datasheet
342Kb / 15P
   Valley Current Mode Control Buck Converter
A4403 ALLEGRO-A4403 Datasheet
342Kb / 15P
   Valley Current Mode Control Buck Converter
logo
List of Unclassifed Man...
FT822 ETC2-FT822 Datasheet
276Kb / 6P
   The FT822 is a current-mode control PFC LED driver IC.
logo
Analog Devices
ADP1870 AD-ADP1870 Datasheet
1Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
ADP1874 AD-ADP1874 Datasheet
2Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
TOKYO SEIMITSU CO., LTD
E-DT-AHA-E ACCRETECH-E-DT-AHA-E Datasheet
162Kb / 1P
   An A-E converter is a unit that uses bellows and a differential transformer to convert the minute
logo
Allegro MicroSystems
A4407 ALLEGRO-A4407 Datasheet
1Mb / 29P
   The A4407 is an automotive power management IC that uses a 2.2 MHz constant on-time (COT) buck pre-regulator to supply a 5 V linear regulator, a 5 V tracking/protected linear regulator,
logo
Texas Instruments
AN-1876 TI-AN-1876 Datasheet
319Kb / 5P
[Old version datasheet]   The LM2841 is a PWM DC/DC buck (step-down) regulator.
AN-1908 TI-AN-1908 Datasheet
359Kb / 5P
[Old version datasheet]   The LM2842 is a PWM DC/DC buck (step-down) regulator.
logo
Microsemi Corporation
LX1736 MICROSEMI-LX1736 Datasheet
187Kb / 6P
   VREF @ 800mV, 900mA, 1.0MHZ PWM a Current Mode PWM Buck regulator that switches to PFM mode under light loads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com