Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3213 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A3213
Description  Micropower Ultra-Sensitive Hall-Effect Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3213 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A3213 Datasheet HTML 3Page - Allegro MicroSystems A3213 Datasheet HTML 4Page - Allegro MicroSystems A3213 Datasheet HTML 5Page - Allegro MicroSystems A3213 Datasheet HTML 6Page - Allegro MicroSystems A3213 Datasheet HTML 7Page - Allegro MicroSystems A3213 Datasheet HTML 8Page - Allegro MicroSystems A3213 Datasheet HTML 9Page - Allegro MicroSystems A3213 Datasheet HTML 10Page - Allegro MicroSystems A3213 Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Micropower Ultra-Sensitive Hall-Effect Switches
A3213 and
A3214
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Applications. Allegro's pole-independent sensing technique
allows for operation with either a north pole or south pole
magnet orientation, enhancing the flexibility of the device in ap-
plication assembling. The technology provides the same output
polarity for either pole face.
It is strongly recommended that an external bypass capacitor
be connected (in close proximity to the Hall element) between
the supply and ground of the device to reduce both external
noise and noise generated by the chopper-stabilization technique.
This is especially true due to the relatively high impedance of
battery supplies.
The simplest form of magnet that will operate these devices
is a bar magnet with either pole near the branded surface of the
device. Many other methods of operation are possible. Exten-
sive applications information on magnets and Hall-effect devices
is also available in the Allegro application note 27701, or at
www.allegromicro.com
0
+B
0
-B
OUTPUT ON
OUTPUT ON
5 V
MAX
BOPS
BRPS
B OPN
BRPN
MAGNETIC FLUX
OUTPUT OFF
OUTPUT
VDD
VOUT
GND
0.1 μF
10 pF
SUPPLY
(3 V BATTERY)
50 k
Ω


Similar Part No. - A3213

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3213ELHLT ALLEGRO-A3213ELHLT Datasheet
575Kb / 11P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
A3213ELHLT-T ALLEGRO-A3213ELHLT-T Datasheet
575Kb / 11P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
A3213ELHLT-T ALLEGRO-A3213ELHLT-T Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
A3213ELHLX-T ALLEGRO-A3213ELHLX-T Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
A3213EUA ALLEGRO-A3213EUA Datasheet
575Kb / 11P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
More results

Similar Description - A3213

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3210EUA ALLEGRO-A3210EUA Datasheet
861Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3211 ALLEGRO-A3211 Datasheet
376Kb / 13P
   Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
A3213 ALLEGRO-A3213_16 Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
logo
Diodes Incorporated
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1803 DIODES-AH1803_09 Datasheet
167Kb / 9P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 9
AH1883 DIODES-AH1883_10 Datasheet
182Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1886 DIODES-AH1886 Datasheet
170Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31216 Rev. 4 - 2
AH1801 DIODES-AH1801_09 Datasheet
157Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1801 Rev. 7
AH1803 DIODES-AH1803 Datasheet
131Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com