Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3213 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3213
Description  Micropower Ultra-Sensitive Hall-Effect Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3213 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3213 Datasheet HTML 1Page - Allegro MicroSystems A3213 Datasheet HTML 2Page - Allegro MicroSystems A3213 Datasheet HTML 3Page - Allegro MicroSystems A3213 Datasheet HTML 4Page - Allegro MicroSystems A3213 Datasheet HTML 5Page - Allegro MicroSystems A3213 Datasheet HTML 6Page - Allegro MicroSystems A3213 Datasheet HTML 7Page - Allegro MicroSystems A3213 Datasheet HTML 8Page - Allegro MicroSystems A3213 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micropower Ultra-Sensitive Hall-Effect Switches
A3213 and
A3214
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
THERMAL CHARACTERISTICS may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions*
Value Units
Package Thermal Resistance
RθJA
Package LH, 1-layer PCB with copper limited to solder pads
228
ºC/W
Package LH, 2-layer PCB with 0.463 in.2 of copper area each side
connected by thermal vias
110
ºC/W
Package UA, 1-layer PCB with copper limited to solder pads
165
ºC/W
*Additional thermal information available on Allegro website.
V
DD(max)
V
DD(min)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature (°C)
Power Dissipation versus Ambient Temperature
(R
JA
= 165
ºC/W)
1-layer
PCB,
Package
UA
(R
JA
= 228
ºC/W)
1-layer
PCB,
Package
LH
(R
JA = 110
ºC/W)
2-layer
PCB,
Package
LH


Similar Part No. - A3213

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3213ELHLT ALLEGRO-A3213ELHLT Datasheet
575Kb / 11P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
A3213ELHLT-T ALLEGRO-A3213ELHLT-T Datasheet
575Kb / 11P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
A3213ELHLT-T ALLEGRO-A3213ELHLT-T Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
A3213ELHLX-T ALLEGRO-A3213ELHLX-T Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
A3213EUA ALLEGRO-A3213EUA Datasheet
575Kb / 11P
   MICROPOWER, ULTRA-SENSITIVE HALL-EF FECT SWITCHES
More results

Similar Description - A3213

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3210EUA ALLEGRO-A3210EUA Datasheet
861Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
A3211 ALLEGRO-A3211 Datasheet
376Kb / 13P
   Micropower, Ultra-sensitive Hall-effect Switches
May 29, 2012
A3213 ALLEGRO-A3213_16 Datasheet
654Kb / 11P
   Micropower Ultra-Sensitive Hall-Effect Switches
logo
Diodes Incorporated
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1803 DIODES-AH1803_09 Datasheet
167Kb / 9P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 9
AH1883 DIODES-AH1883_10 Datasheet
182Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1886 DIODES-AH1886 Datasheet
170Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31216 Rev. 4 - 2
AH1801 DIODES-AH1801_09 Datasheet
157Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1801 Rev. 7
AH1803 DIODES-AH1803 Datasheet
131Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com