Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4406 Datasheet(PDF) 17 Page - Allegro MicroSystems

Part # A4406
Description  The A4406 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply an internal 5 V linear regulator and a 3.3 V linear DMOS driver.
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4406 Datasheet(HTML) 17 Page - Allegro MicroSystems

Back Button A4406 Datasheet HTML 13Page - Allegro MicroSystems A4406 Datasheet HTML 14Page - Allegro MicroSystems A4406 Datasheet HTML 15Page - Allegro MicroSystems A4406 Datasheet HTML 16Page - Allegro MicroSystems A4406 Datasheet HTML 17Page - Allegro MicroSystems A4406 Datasheet HTML 18Page - Allegro MicroSystems A4406 Datasheet HTML 19Page - Allegro MicroSystems A4406 Datasheet HTML 20Page - Allegro MicroSystems A4406 Datasheet HTML 21Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Constant On-Time Buck Regulator
With One External and One Internal Linear Regulator
A4406
17
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
VIN
NPOR
CPOR
ENBATS
ENBAT
ENB
V5P
3
V3
Internal
VRAIL
or VCP
VREG
10 ms
20 ms
1.2V
13.5V
VH =5.00V
VH=2.95V
VL=4.94V
V
L=2.83 V
6.5 V
Internal
UVLO
5.2 V
5.5 V
4.9V
VENBAT = 0V
ENBATS is not connected
100 %Duty
Cycle
Internal regulators
collapse
0.8V MAX
1.0V
Internal
UVLO
VENB ≥ 2V prior to
VIN ramping up
VREG > 5.00 V and
V33 > 2.95 V
ENB < 0.8V or
VREG < 4.94V or
V33 < 2.83V
VCP low or
Internal VRAIL low
V5P tracks V33 until
VV33NPOR(L) or VIN < 5.5 V
V5P and V33 ramp
at approximately the
same rate as VREG
NPOR is open-drain, pulled up to V33
Decay rates of VREG,
V5P, and V33 depend on
output capacitances and
loading
Typical power-up and power-down via VIN with ENB always logic high; ENBAT and ENBATS are not used


Similar Part No. - A4406

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A440 LITTELFUSE-A440 Datasheet
204Kb / 2P
   GAS DISCHARGE TUBE - 8x10mm
logo
Allegro MicroSystems
A4401 ALLEGRO-A4401 Datasheet
417Kb / 17P
   This device provides all the necessary control functions to provide the power rails for driving a vacuum fluorescent display (VFD) using minimal external components.
A4401KL-T ALLEGRO-A4401KL-T Datasheet
416Kb / 17P
   Automotive Quasi-Resonant Flyback Control IC
A4402 ALLEGRO-A4402 Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
A4402 ALLEGRO-A4402 Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
More results

Similar Description - A4406

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4405 ALLEGRO-A4405 Datasheet
1Mb / 27P
   The A4405 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply two internal 5 V linear regulators and a 3.3 V linear DMOS driver.
A4407 ALLEGRO-A4407 Datasheet
1Mb / 29P
   The A4407 is an automotive power management IC that uses a 2.2 MHz constant on-time (COT) buck pre-regulator to supply a 5 V linear regulator, a 5 V tracking/protected linear regulator,
logo
ON Semiconductor
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
   3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
   1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5201-3 ONSEMI-CS5201-3 Datasheet
191Kb / 8P
   1.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
logo
Diodes Incorporated
AP7175 DIODES-AP7175 Datasheet
435Kb / 14P
   The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that features an enable input and a power-good output.
logo
Vishay Siliconix
SIP12107 VISHAY-SIP12107 Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
SIP12107 VISHAY-SIP12107_V01 Datasheet
911Kb / 20P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com