Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4406 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A4406
Description  The A4406 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply an internal 5 V linear regulator and a 3.3 V linear DMOS driver.
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4406 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A4406 Datasheet HTML 6Page - Allegro MicroSystems A4406 Datasheet HTML 7Page - Allegro MicroSystems A4406 Datasheet HTML 8Page - Allegro MicroSystems A4406 Datasheet HTML 9Page - Allegro MicroSystems A4406 Datasheet HTML 10Page - Allegro MicroSystems A4406 Datasheet HTML 11Page - Allegro MicroSystems A4406 Datasheet HTML 12Page - Allegro MicroSystems A4406 Datasheet HTML 13Page - Allegro MicroSystems A4406 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Constant On-Time Buck Regulator
With One External and One Internal Linear Regulator
A4406
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
210
205
200
195
190
185
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
0
50
100
150
200
250
300
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
0
50
100
150
200
250
300
350
400
-40
-20
0
20
406080
100
120
140
Temperature (°C)
IENBATS = 4 mA
10
11
12
13
14
15
16
-40
-20
0
20
406080
100
120
140
Temperature (°C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40
-20
0
20
406080
100
120
140
Temperature (°C)
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
CPOR Charging Current versus Temperature
ENBAT Start / Stop Thresholds versus Temperature
ENBATS (Low) Voltage versus Temperature
ENB Start / Stop Thresholds versus Temperature
VREG Valley Current Limit versus Temperature
V33 Overcurrent Threshold versus Temperature
Start
Stop
Start
Stop


Similar Part No. - A4406

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A440 LITTELFUSE-A440 Datasheet
204Kb / 2P
   GAS DISCHARGE TUBE - 8x10mm
logo
Allegro MicroSystems
A4401 ALLEGRO-A4401 Datasheet
417Kb / 17P
   This device provides all the necessary control functions to provide the power rails for driving a vacuum fluorescent display (VFD) using minimal external components.
A4401KL-T ALLEGRO-A4401KL-T Datasheet
416Kb / 17P
   Automotive Quasi-Resonant Flyback Control IC
A4402 ALLEGRO-A4402 Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
A4402 ALLEGRO-A4402 Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
More results

Similar Description - A4406

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4405 ALLEGRO-A4405 Datasheet
1Mb / 27P
   The A4405 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply two internal 5 V linear regulators and a 3.3 V linear DMOS driver.
A4407 ALLEGRO-A4407 Datasheet
1Mb / 29P
   The A4407 is an automotive power management IC that uses a 2.2 MHz constant on-time (COT) buck pre-regulator to supply a 5 V linear regulator, a 5 V tracking/protected linear regulator,
logo
ON Semiconductor
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
   3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
   1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5201-3 ONSEMI-CS5201-3 Datasheet
191Kb / 8P
   1.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
logo
Diodes Incorporated
AP7175 DIODES-AP7175 Datasheet
435Kb / 14P
   The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that features an enable input and a power-good output.
logo
Vishay Siliconix
SIP12107 VISHAY-SIP12107 Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
SIP12107 VISHAY-SIP12107_V01 Datasheet
911Kb / 20P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com