Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1381 Datasheet(PDF) 15 Page - Allegro MicroSystems

Part # A1381
Description  Programmable Linear Hall Effect Sensor ICs with Analog Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1381 Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button A1381 Datasheet HTML 11Page - Allegro MicroSystems A1381 Datasheet HTML 12Page - Allegro MicroSystems A1381 Datasheet HTML 13Page - Allegro MicroSystems A1381 Datasheet HTML 14Page - Allegro MicroSystems A1381 Datasheet HTML 15Page - Allegro MicroSystems A1381 Datasheet HTML 16Page - Allegro MicroSystems A1381 Datasheet HTML 17Page - Allegro MicroSystems A1381 Datasheet HTML 18Page - Allegro MicroSystems A1381 Datasheet HTML 19Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Programmable Linear Hall Effect Sensor ICs with Analog Output
Available in a Miniature Thin Profile Surface Mount Package
A1381, A1382,
A1383, and A1384
15
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Initial State
After system power-up, the programming logic is
reset to a known state. This is referred to as the Initial state. All
the bit field locations that have intact fuses are set to logic 0.
While in the Initial state, any VPM pulses on the VOUT pin are
ignored. To enter the Parameter Selection state, apply one VPH
pulse on the VOUT pin.
Parameter Selection State
This state allows the selection of the
parameter register containing the bit fields to be programmed. To
select a parameter register, increment through the keys by apply-
ing VPM pulses on the VOUT pin. Register keys select among the
following programming parameters:
1 pulse - Sens
2 pulses - V
OUT(Q)
3 pulses - TC
SENS, POL, and LOCK
To enter the Bit Field Addressing state, apply one VPH pulse on
the VOUT pin.
Bit Field Addressing State
This state allows the selection of the
individual bit fields to be programmed in the selected parameter
register (see Programming Logic table). To leave this state, either
cycle device power or blow the fuses for the selected code. Note
that merely addressing the bit field does not permanently set
the value of the selected programming parameter; fuses must be
blown to do so.
Fuse Blowing State
To blow an addressed bit field, apply a
VPH pulse on the VOUT pin. Power to the device should then be
cycled before additional programming is attempted. Note: Each
bit representing a decimal code must be blown individually (see
the Fuse Blowing section).
Programming State Machine
Power-Up
Initial
Parameter Selection
Bit Field Addressing
Fuse Blowing
VPM
VPM = VP(LOW) –VP(MID) –VP(LOW)
VPH = VP(LOW) –VP(HIGH) –VP(LOW)
VPM
VPM
VPM
VPM
VPM
VPM
VPM
VPM
VPH
VPH
VPH
VPH
TCSENS,
POL,
LOCK
VOUT(Q)
SENS
User Power-Down
Required
2
1
2n – 1
n = total
bits in
register


Similar Part No. - A1381

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1381ELHLT-T ALLEGRO-A1381ELHLT-T Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1381EUA-T ALLEGRO-A1381EUA-T Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1381EUATI-T ALLEGRO-A1381EUATI-T Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
A1381LLHLT-T ALLEGRO-A1381LLHLT-T Datasheet
404Kb / 18P
   Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
December 10, 2012
More results

Similar Description - A1381

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
A1324-26 ALLEGRO-A1324-26 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LUA-T ALLEGRO-A1324LUA-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324 Datasheet
292Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LLHLT-T ALLEGRO-A1324LLHLT-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324_16 Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1325LLHLT-T ALLEGRO-A1325LLHLT-T Datasheet
1Mb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
logo
Allegro MicroSystems
A1360_V ALLEGRO-A1360_V Datasheet
623Kb / 26P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com