Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1381 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part No. A1381
Description  Programmable Linear Hall Effect Sensor ICs with Analog Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1381 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1381 Datasheet HTML 1Page - Allegro MicroSystems A1381 Datasheet HTML 2Page - Allegro MicroSystems A1381 Datasheet HTML 3Page - Allegro MicroSystems A1381 Datasheet HTML 4Page - Allegro MicroSystems A1381 Datasheet HTML 5Page - Allegro MicroSystems A1381 Datasheet HTML 6Page - Allegro MicroSystems A1381 Datasheet HTML 7Page - Allegro MicroSystems A1381 Datasheet HTML 8Page - Allegro MicroSystems A1381 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Programmable Linear Hall Effect Sensor ICs with Analog Output
Available in a Miniature Thin Profile Surface Mount Package
A1381, A1382,
A1383, and A1384
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
PRE-PROGRAMMING TARGET5
Pre-Programming Quiescent
Voltage Output
VOUT(Q)init
B = 0 G, TA = 25°C
2.1
V
Pre-Programming Sensitivity
Sensinit
A1381
TA = 25°C
4.2
mV/G
A1382
2.9
mV/G
A1383
2.1
mV/G
A1384
1.4
mV/G
Pre-Programming Sensitivity
Temperature Coefficient6
TCSensinit
TA = 150°C
–0.05
%/°C
QUIESCENT VOLTAGE OUTPUT PROGRAMMING
Guaranteed Quiescent Voltage
Output Range4,7
VOUT(Q)
B = 0 G, TA = 25°C
2.3
2.6
V
Quiescent Voltage Output
Programming Bits
6
bit
Average Quiescent Voltage
Output Step Size8,9
StepVOUT(Q) TA = 25°C
8
11.5
15
mV
Quiescent Voltage Output
Programming Resolution10
ErrPGVOUT(Q) TA = 25°C
StepVOUT(Q)×
±0.5
–mV
SENSITIVITY PROGRAMMING
Guaranteed Sensitivity Range4,11
Sens
A1381
TA = 25°C
6.00
9.00
mV/G
A1382
4.00
6.25
mV/G
A1383
2.75
4.25
mV/G
A1384
2.00
3.00
mV/G
Sensitivity Programming Bits
6
bit
Average Sensitivity Step Size8,9
StepSENS
A1381
TA = 25°C
90
110
130
μV/G
A1382
55
75
95
μV/G
A1383
35
55
75
μV/G
A1384
28
35
42
μV/G
Sensitivity Programming
Resolution10
ErrPGSENS
TA = 25°C
StepSENS ×
±0.5
mV/G
SENSITIVITY TC PROGRAMMING
Guaranteed Sensitivity Tem-
perature Coefficient Range6
TCSens
TA = 150°C
0.00
0.095
%/°C
Sensitivity Temperature Coef-
ficient Programming Bits
3
bit
Average Sensitivity Tempera-
ture Coefficient Step Size6
StepTCSENS
TA = 150°C
0.03
%/°C
Sensitivity Temperature Coeffi-
cient Programming Resolution6
ErrPGTCSENS TA = 150°C
StepTCSENS x
±0.5
%/°C
POLARITY PROGRAMMING
Polarity Programming Bit12
POL
1
bit
LOCK BIT PROGRAMMING
Overall Programming Lock Bit
LOCK
1
bit
OPERATING CHARACTERISTICS (continued), valid over full operating temperature range, TA; CBYPASS= 0.1 μF, VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Continued on the next page...


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn