Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1360 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part No. A1360
Description  Low-Noise Programmable Linear Hall Effect Sensor ICs with
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1360 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1360 Datasheet HTML 1Page - Allegro MicroSystems A1360 Datasheet HTML 2Page - Allegro MicroSystems A1360 Datasheet HTML 3Page - Allegro MicroSystems A1360 Datasheet HTML 4Page - Allegro MicroSystems A1360 Datasheet HTML 5Page - Allegro MicroSystems A1360 Datasheet HTML 6Page - Allegro MicroSystems A1360 Datasheet HTML 7Page - Allegro MicroSystems A1360 Datasheet HTML 8Page - Allegro MicroSystems A1360 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
A1360, A1361,
and A1362
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Electrical Characteristics
Supply Voltage
VCC
4.5
5.0
5.5
V
Supply Current
ICC
No load on VOUT
9.2
12
mA
Power-On Time1
tPO
TA = 25°C, CL (of test probe) = 10 pF, CBYPASS =
open; Sens = 4.5 mV/G
–30
μs
Supply Zener Clamp Voltage
VZ
TA = 25°C, ICC = 13 mA
6
7.6
V
Internal Bandwidth
BWi
Small signal –3 dB, 100 G(P-P) magnetic input
signal, CFILTER = open, CL = 10 nF
50
kHz
Filtered Bandwidth
BWf
Small signal –3 dB, 100 G(P-P) magnetic input
signal, CFILTER = 1 nF, CL = 10 nF
50
kHz
Chopping Frequency2
fC
TA = 25°C
210
kHz
Output Characteristics
Propagation Delay Time1
tpd
TA = 25°C, impulse magnetic field of 400 G,
CFILTER = open, CL = 10 nF
1.6
μs
Rise Time1
tr
TA = 25°C, impulse magnetic field of 400 G,
CFILTER = open, CL = 10 nF
5.5
μs
Response Time1
tRESPONSE TA = 25°C, CL = 10 nF
7.0
μs
Delay to Clamp1
tCLP
TA = 25°C, impulse magnetic field of 400 G,
CFILTER = open, CL = 10 nF
–30
μs
Output Voltage Clamp3
VCLP(HIGH)
A1360
TA= 25°C, B = 600 G, Sens = 5.0mV/G,
RL(PULLDWN) = 10 kΩ
4.65
4.73
4.80
V
A1361
4.65
4.73
4.80
V
A1362
4.65
4.78
4.91
V
VCLP(LOW)
A1360
TA= 25°C, B = 600 G, Sens = 5.0mV/G,
RL(PULLUP) = 10 kΩ
0.25
0.32
0.4
V
A1361
0.25
0.32
0.4
V
A1362
0.25
0.32
0.4
V
Noise (peak-to-peak)4
VN(p-p)
TA = 25°C, CL = 10 nF, Sens = 1.5 mV/G,
CFILTER = 1 nF (BWf = 50 kHz)
–8
mV
TA = 25°C, CL = 10 nF, Sens = 6.6 mV/G,
CFILTER = 47 nF (BWf = 2 kHz)
8.5
mV
TA = 25°C, CL = 10 nF, Sens = 6.6 mV/G,
CFILTER = 1 nF (BWf = 50 kHz)
–38
mV
DC Output Resistance
ROUT
–<1
Ω
Output Load Resistance
RL(PULLUP) VOUT to VCC
4.7
RL (PULLDWN) VOUT to GND
4.7
Output Load Capacitance
CL
VOUT to GND
10
nF
Phase Shift5
ΔΦ
CL = 10 nF, CFLITER = 1 nF (BW = 50 kHz),
magnetic input signal frequency = 1 kHz with
1 V(p-p) output signal
2.5
deg.
Output Slew Rate6
SR
Sens = 4.5 mV/G, CL = 10 nF
210
V/ms
Continued on the next page…
OPERATING CHARACTERISTICS
valid over full operating temperature range, TA; CBYPASS = 0.1 μF, VCC = 5 V, unless otherwise specified
OPERATING CHARACTERISTICS
valid over full operating temperature range, TA; CBYPASS = 0.1 μF, VCC = 5 V, unless otherwise specified
Low-Noise Programmable Linear Hall Effect Sensor ICs with
Adjustable Bandwidth (50 kHz Maximum) and Analog Output
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn