Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1360 Datasheet(PDF) 25 Page - Allegro MicroSystems

Part No. A1360
Description  Low-Noise Programmable Linear Hall Effect Sensor ICs with
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1360 Datasheet(HTML) 25 Page - Allegro MicroSystems

Back Button A1360 Datasheet HTML 17Page - Allegro MicroSystems A1360 Datasheet HTML 18Page - Allegro MicroSystems A1360 Datasheet HTML 19Page - Allegro MicroSystems A1360 Datasheet HTML 20Page - Allegro MicroSystems A1360 Datasheet HTML 21Page - Allegro MicroSystems A1360 Datasheet HTML 22Page - Allegro MicroSystems A1360 Datasheet HTML 23Page - Allegro MicroSystems A1360 Datasheet HTML 24Page - Allegro MicroSystems A1360 Datasheet HTML 25Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
A1360, A1361,
and A1362
Copyright ©2008-2009, Allegro MicroSystems, Inc.
The products described herein are manufactured under one or more of the following U.S. patents: 5,045,920; 5,264,783; 5,442,283; 5,389,889;
5,581,179; 5,517,112; 5,619,137; 5,621,319; 5,650,719; 5,686,894; 5,694,038; 5,729,130; 5,917,320; and other patents pending.
Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to per-
mit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the
information being relied upon is current.
Allegro’s products are not to be used in life support devices or systems, if a failure of an Allegro product can reasonably be expected to cause the
failure of that life support device or system, or to affect the safety or effectiveness of that device or system.
The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use;
nor for any infringement of patents or other rights of third parties which may result from its use.
For the latest version of this document, visit our website:
www.allegromicro.com
Package KT, 4-Pin SIP
D Thermoplastic Molded Lead Bar for alignment during shipment
Active Area Depth 0.37 mm REF
Hall element, not to scale
0.54
REF
0.54
REF
12.14±0.05
1.27 NOM
0.89
MAX
0.89
MAX
10°
2.60
1.08
24
3
1
A
D
F
F
F
F
E
E
5.21 +0.08
–0.05
5.21 +0.08
–0.05
3.43 +0.08
–0.05
0.41 +0.08
–0.05
1.50 +0.08
–0.05
0.20 +0.08
–0.05
1.00 +0.08
–0.05
1.00 +0.08
–0.05
Mold Ejector
Pin Indent
Branded
Face
For Reference Only; not for tooling use (reference DWG-9202)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
Gate and tie bar burr area
A
B
B
C
C
Dambar removal protrusion (16X)
Standard Branding Reference View
N = Device part number
Y = Last two digits of year of manufacture
W = Week of manufacture
YYWW
NNNN
1
Branding scale and appearance at supplier discretion
Low-Noise Programmable Linear Hall Effect Sensor ICs with
Adjustable Bandwidth (50 kHz Maximum) and Analog Output
25
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn