Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1360 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part No. A1360
Description  Low-Noise Programmable Linear Hall Effect Sensor ICs with
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1360 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A1360 Datasheet HTML 1Page - Allegro MicroSystems A1360 Datasheet HTML 2Page - Allegro MicroSystems A1360 Datasheet HTML 3Page - Allegro MicroSystems A1360 Datasheet HTML 4Page - Allegro MicroSystems A1360 Datasheet HTML 5Page - Allegro MicroSystems A1360 Datasheet HTML 6Page - Allegro MicroSystems A1360 Datasheet HTML 7Page - Allegro MicroSystems A1360 Datasheet HTML 8Page - Allegro MicroSystems A1360 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
A1360, A1361,
and A1362
Selection Guide1
Part Number
Packing2
Sensitivity Range
(mV/G)
A1360LKTTN-T
4000 pieces per 13-in. reel
0.7 to 1.4
A1361LKTTN-T
4000 pieces per 13-in. reel
1.4 to 4.5
A1362LKTTN-T
4000 pieces per 13-in. reel
4.5 to 16
1All variants are programmable for unidirectional or bidirectional use.
2Contact Allegro for additional packing options.
Terminal List Table
Number
Name
Description
1
VCC
Input power supply; use bypass capacitor to connect to ground
2
VOUT
Output signal; also used for programming
3
FILTER
Terminal for external filter capacitor for bandwidth setting
4
GND
Ground
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Forward Supply Voltage
VCC
8V
Reverse Supply Voltage
VRCC
–0.1
V
Forward Output Voltage
VOUT
28
V
Reverse Output Voltage
VROUT
–0.1
V
Forward Filter Voltage
VFILTER
8V
Reverse Filter Voltage
VRFILTER
–0.1
V
Output Source Current
IOUT(SOURCE)
VOUT to GND
3
mA
Output Sink Current
IOUT(SINK)
VCC to VOUT
10
mA
Ambient Operating Temperature
TA
Range L
–40 to 150
°C
Storage Temperature
Tstg
–65 to 165
°C
Junction Temperature
TJ(max)
165
°C
The features of these linear Hall effect sensor ICs make them ideal
for meeting high accuracy requirements in automotive and industrial
applications. Device specifications are guaranteed over an extended
ambient temperature range: –40 °C to 150 °C. The A136x sensor
ICs are provided in an extremely thin case (1 mm thick), 4-pin SIP
(single in-line package, suffix KT) that is lead (Pb) free, with 100%
matte tin leadframe plating.
Description (continued)
2
34
1
Pin-out Diagram
Low-Noise Programmable Linear Hall Effect Sensor ICs with
Adjustable Bandwidth (50 kHz Maximum) and Analog Output
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn