Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1360 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part No. A1360
Description  Low-Noise Programmable Linear Hall Effect Sensor ICs with
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1360 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1360 Datasheet HTML 5Page - Allegro MicroSystems A1360 Datasheet HTML 6Page - Allegro MicroSystems A1360 Datasheet HTML 7Page - Allegro MicroSystems A1360 Datasheet HTML 8Page - Allegro MicroSystems A1360 Datasheet HTML 9Page - Allegro MicroSystems A1360 Datasheet HTML 10Page - Allegro MicroSystems A1360 Datasheet HTML 11Page - Allegro MicroSystems A1360 Datasheet HTML 12Page - Allegro MicroSystems A1360 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
A1360, A1361,
and A1362
Propagation Delay Time (tpd) The time required for the device
output to reflect a change in the applied magnetic field. Propaga-
tion delay can be considered as a fixed time offset and may be
compensated.
Applied Magnetic Field
Transducer Output
90
0
(%)
Propagation Delay Time, t
pd
t
Transducer Output
90
0
Response Time, tRESPONSE
t
(%)
Applied Magnetic Field
Transducer Output
90
10
0
Rise Time, tr
t
(%)
Applied Magnetic Field
Characteristic Definitions
Rise Time (tr) The time interval between a) when the device
reaches 10% of its full scale value, and b) when it reaches 90%
of its full scale value. The rise time to a step response is used to
derive the bandwidth of the linear device, in which ƒ(–3 dB) =
0.35 / tr. Both tr and tRESPONSE are detrimentally affected by eddy
current losses observed in the conductive IC ground plane.
Response Time (tRESPONSE) The time interval between a) when
the applied magnetic field reaches 90% of its final value, and b)
when the device reaches 90% of its output corresponding to the
applied magnetic field.
V
+t
VCC
VCC(min.)
VOUT
90% VOUT
0
t1= time at which power supply reaches
minimum specified operating voltage
t2= time at which output voltage settles
within ±10% of its steady state value
under an applied magnetic field
t1
t2
tPO
VCC(typ.)
Power-On Time
When the supply is ramped to its operating volt-
age, the device requires a finite time to power its internal com-
ponents before responding to an input magnetic field. Power-On
Time, tPO, is defined as: the time it takes for the output voltage
to settle within ±10% of its steady state value under an applied
magnetic field, after the power supply has reached its minimum
specified operating voltage, VCC(min), as shown in the following
chart.
Low-Noise Programmable Linear Hall Effect Sensor ICs with
Adjustable Bandwidth (50 kHz Maximum) and Analog Output
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn