Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1360 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part No. A1360
Description  Low-Noise Programmable Linear Hall Effect Sensor ICs with
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1360 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1360 Datasheet HTML 1Page - Allegro MicroSystems A1360 Datasheet HTML 2Page - Allegro MicroSystems A1360 Datasheet HTML 3Page - Allegro MicroSystems A1360 Datasheet HTML 4Page - Allegro MicroSystems A1360 Datasheet HTML 5Page - Allegro MicroSystems A1360 Datasheet HTML 6Page - Allegro MicroSystems A1360 Datasheet HTML 7Page - Allegro MicroSystems A1360 Datasheet HTML 8Page - Allegro MicroSystems A1360 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
A1360, A1361,
and A1362
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Pre-Programming Target7
Pre-Programming Quiescent
Voltage Output
VOUT(Q)PRE B = 0 G, TA = 25°C
2.0
V
Pre-Programming Sensitivity
SensPRE
A1360
TA = 25°C
0.5
mV/G
A1361
1.1
mV/G
A1362
2.7
mV/G
Quiescent Voltage Output Programming
Initial Quiescent Voltage Output8
VOUT(Q)UNIinit
B = 0 G, TA = 25°C
–VCLP(LOW)
–V
VOUT(Q)BIinit
–VOUT(Q)PRE
–V
Coarse Quiescent Voltage Output
Programming Bits9
1
bit
Guaranteed Quiescent Voltage
Output Range10,11
VOUT(Q)UNI
B = 0 G, TA = 25°C
0.40
1.15
V
VOUT(Q)BI
2.15
2.85
V
Quiescent Voltage Output
Programming Bits
8
bit
Average Quiescent Voltage
Output Step Size12,13
StepVOUT(Q) TA = 25°C
3.4
3.85
4.4
mV
Quiescent Output Voltage
Programming Resolution14
ErrPGVOUT(Q) TA = 25°C
StepVOUT(Q)×
±0.5
–mV
Sensitivity Programming
Initial Sensitivity
Sensinit
TA = 25°C
SensPRE
mV/G
Guaranteed Sensitivity Range15,16
Sens
A1360
TA = 25°C
0.7
1.4
mV/G
A1361
1.4
4.5
mV/G
A1362
4.5
16
mV/G
Sensitivity Programming Bits
8
bit
Average Sensitivity Step Size12.13
StepSENS
A1360
TA = 25°C
4.2
5.3
6.2
μV/G
A1361
15
16
21
μV/G
A1362
65
79
90
μV/G
Sensitivity Programming
Resolution14
ErrPGSENS TA = 25°C
StepSENS×
±0.5
μV/G
Lock Bit Programming
Overall Programming Lock Bit
LOCK
1
bit
Factory-Programmed Sensitivity Temperature Coefficient
Sensitivity Temperature
Coefficient17
TCSENS
–0.025
0
0.025
%/°C
Error Components
Linearity Sensitivity Error18
LinERR
A1360
–3.0
3.0
%
A1361
–2.5
2.5
%
A1362
–2.0
2.0
%
Symmetry Sensitivity Error19
SymERR
A1360
–3.5
3.5
%
A1361
–3.0
3.0
%
A1362
–3.0
3.0
%
Ratiometry Quiescent Voltage
Output Error20
RatERRVOUT(Q)
< ±1.5
%
Ratiometry Sensitivity Error20
RatERRSENS
< ±1.5
%
Ratiometry Clamp Error21
RatSENSCLP TA = 25°C
< ±1.5
%
OPERATING CHARACTERISTICS (continued)
valid over full operating temperature range, TA; CBYPASS = 0.1 μF, VCC = 5 V, unless otherwise specified
Continued on the next page…
Low-Noise Programmable Linear Hall Effect Sensor ICs with
Adjustable Bandwidth (50 kHz Maximum) and Analog Output
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn