Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMOV34S Datasheet(PDF) 1 Page - Littelfuse

Part # SMOV34S
Description  The Littelfuse SMOV thermally protected varistor is a self-protected device.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMOV34S Datasheet(HTML) 1 Page - Littelfuse

  SMOV34S Datasheet HTML 1Page - Littelfuse SMOV34S Datasheet HTML 2Page - Littelfuse SMOV34S Datasheet HTML 3Page - Littelfuse SMOV34S Datasheet HTML 4Page - Littelfuse SMOV34S Datasheet HTML 5Page - Littelfuse SMOV34S Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Varistor Products
©2012 Littelfuse, Inc.
Revision: May 24, 2012
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/smov34s.html for current information.
Varistor Products
SMOV34S Varistor Series
Thermally Protected Varistors > SMOV34S Series
Description
The Littelfuse SMOV thermally protected varistor is a self-
protected device. It consists of a 34mm square varistor with
an integral thermal disconnect designed to open in the event of
overheating due to abnormal overvoltage as outlined in UL1449
3rd edition. The SMOV helps facilitate SPD module compliance
to UL1449 and offers quick thermal response due to the close
proximity of the integrated thermal element to the MOV body.
This configuration also offers lower inductance than most discreet
solutions resulting in improved clamping performance to fast over
voltage transients.
The device has a separate micro-switch, which can be used to
indicate that the MOV has been disconnected from the circuit.
This separate switch makes the monitoring circuitry completely
isolated from the main power which ensures indicator circuit
safety and simplifies the customers circuit design.
Features
surge capability 40 kA,
8/20 waveshape.
Current Value: 20kA.
rating: 50A/150A.
temperature.
1449 3rd edition.
RoHS compliant.
for indication
circuitry/design.
Applications
RoHS
SMOV34S Varistor Series
Agency Approvals
Agency
Agency File Number
E320116


Similar Part No. - SMOV34S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMOV25S LITTELFUSE-SMOV25S Datasheet
1Mb / 6P
   The Littelfuse SMOV thermally portected varistor is a self-protected device.
SMOV25S111MP LITTELFUSE-SMOV25S111MP Datasheet
813Kb / 6P
   SMOV25S Varistor Series
SMOV25S111NP LITTELFUSE-SMOV25S111NP Datasheet
813Kb / 6P
   SMOV25S Varistor Series
SMOV25S131MP LITTELFUSE-SMOV25S131MP Datasheet
813Kb / 6P
   SMOV25S Varistor Series
SMOV25S131NP LITTELFUSE-SMOV25S131NP Datasheet
813Kb / 6P
   SMOV25S Varistor Series
More results

Similar Description - SMOV34S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMOV25S LITTELFUSE-SMOV25S Datasheet
1Mb / 6P
   The Littelfuse SMOV thermally portected varistor is a self-protected device.
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
   The Littelfuse TMOV짰34S thermally protected varistor
TMOV LITTELFUSE-TMOV Datasheet
1,021Kb / 8P
   The Littelfuse TMOV짰 and iTMOV짰 thermally protected
LSP05 LITTELFUSE-LSP05 Datasheet
483Kb / 3P
   The Littelfuse LSP05 thermally protected Surge Protective
LSP10 LITTELFUSE-LSP10 Datasheet
503Kb / 3P
   The Littelfuse LSP10 thermally protected Surge Protective
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
LSP05GI LITTELFUSE-LSP05GI Datasheet
723Kb / 4P
   Littelfuse?셲 LSP05GI thermally protected Surge Protective
FBMOV LITTELFUSE-FBMOV Datasheet
656Kb / 3P
   The Littelfuse FBMOV Series thermally protected and non-fragmenting varistor represents a new development in circuit protection.
LSP05GX LITTELFUSE-LSP05GX Datasheet
526Kb / 4P
   Littelfuse?셲 LSP05G European version thermally protected
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com