Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACT364 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part No. ACT364
Description  High Performance ActivePSR Primary Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTIVE-SEMI [Active-Semi, Inc]
Homepage  http://www.active-semi.com
Logo 

ACT364 Datasheet(HTML) 2 Page - Active-Semi, Inc

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACT364
Rev 4, 14-Nov-12
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
PIN CONFIGURATION
PIN DESCRIPTIONS
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
METHOD
TOP MARK
ACT364US-T
-40°C to 85°C
SOT23-6
6
TAPE & REEL
FSCS
SOT23-6
ACT364US-T
ORDERING INFORMATION
PIN
NAME
DESCRIPTION
1
SW
Switch Drive. Switch node for the external NPN transistor. Connect this pin to the external power
NPN’s emitter. This pin also supplies current to VDD during startup.
2
GND
Ground.
3
BD
Base Drive. Base driver for the external NPN transistor.
4
VDD
Power Supply. This pin provides bias power for the IC during startup and steady state operation.
5
FB
Feedback Pin. Connect this pin to a resistor divider network from the auxiliary winding.
6
CS
Current Sense Pin. Connect an external resistor (RCS) between this pin and ground to set peak
current limit for the primary switch. The peak current limit is set by (0.396V × 0.9) / RCS. For more
detailed information, see Application Information.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn