Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0342300000 Datasheet(PDF) 2 Page - Weidmuller

Part # 0342300000
Description  Housings, 72 mm, 82 mm, 130 mm, Aluminium alloy (AlSi12)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0342300000 Datasheet(HTML) 2 Page - Weidmuller

  0342300000 Datasheet HTML 1Page - Weidmuller 0342300000 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product catalogue | Enclosures | Aluminium housing | Klippon K series | K 4 - 82 x 130 x 72 mm
- 2 -
Screwed cable glands, left/right
M12
5
M16
3
M20
2
M25
2
On housing side
left / right
Approvals
Approvals institutes
Classifications
ETIM 2.0
EC000058
ETIM 3.0
EC000058
eClass 4.1
27-14-12-06
eClass 5.0
27-14-91-07
eClass 5.1
27-14-91-07
Similar products
Order No.
Part designation
Version
9529190000
KLIPPON K4 RAL7001
Housings, 72 mm, 82 mm, 130 mm, Aluminium alloy (AlSi12)


Similar Part No. - 0342300000

ManufacturerPart #DatasheetDescription
logo
Heyco.
0342 HEYCO-0342 Datasheet
73Kb / 1P
   Nylon Push-In and Thick Panel Push-In Fasteners
logo
Littelfuse
03420001H LITTELFUSE-03420001H Datasheet
71Kb / 1P
   Screwdriver Slot Knob Type for 3AG or 8AG Fuses
03420001X LITTELFUSE-03420001X Datasheet
71Kb / 1P
   Screwdriver Slot Knob Type for 3AG or 8AG Fuses
03420012HX010 LITTELFUSE-03420012HX010 Datasheet
315Kb / 1P
   342 Series Panel Mount Enclosed Fuseholders for 3AG/AB Fuses
Revised: GD. 06/04/21
03420021Z LITTELFUSE-03420021Z Datasheet
33Kb / 3P
   Approved to MIL-PRF-15160
More results

Similar Description - 0342300000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0342400000 WEIDMULLER-0342400000 Datasheet
96Kb / 2P
   Housings, 90 mm, 130 mm, 170 mm, Aluminium alloy (AlSi12)
0342600000 WEIDMULLER-0342600000 Datasheet
97Kb / 2P
   Housings, 91 mm, 160 mm, 350 mm, Aluminium alloy (AlSi12)
0342500000 WEIDMULLER-0342500000 Datasheet
98Kb / 2P
   Housings, 100 mm, 160 mm, 200 mm, Aluminium alloy (AlSi12)
logo
EAO AG.
82-6571.1000 EAO-82-6571.1000 Datasheet
423Kb / 2P
   Pushbutton 22 mm Aluminium
05.09.2022
82-4551.1124 EAO-82-4551.1124 Datasheet
429Kb / 2P
   Illuminated pushbutton 16 mm Aluminium, momentary
05.09.2022
logo
PHOENIX CONTACT
3030514 PHOENIX-3030514 Datasheet
64Kb / 2P
   End cover, Length: 72 mm, Width: 2.2 mm, Height: 36.5 mm, Color: gray
logo
Weidmuller
1104420000 WEIDMULLER-1104420000 Datasheet
89Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 45 mm
2418640000 WEIDMULLER-2418640000 Datasheet
82Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 22.5 mm
1104190000 WEIDMULLER-1104190000 Datasheet
82Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 12.5 mm
1080630000 WEIDMULLER-1080630000 Datasheet
80Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com