Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADLQM67PC-2655LE Datasheet(PDF) 3 Page - ADL Embedded Solutions

Part # ADLQM67PC-2655LE
Description  Intel Core i7, 2.2 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLQM67PC-2655LE Datasheet(HTML) 3 Page - ADL Embedded Solutions

  ADLQM67PC-2655LE Datasheet HTML 1Page - ADL Embedded Solutions ADLQM67PC-2655LE Datasheet HTML 2Page - ADL Embedded Solutions ADLQM67PC-2655LE Datasheet HTML 3Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PCIe/104
Data subject to change without notice.
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Embedded Solutions
Technical Specifications - ADLQM67PC
FEATURE
FUNCTION
REMARKS
OPTIONS
LAN
LAN1 Controller
Intel 82579LM Phy
Jumbo Frame Support
LAN1 10/100/1000
10/100/1000 Mbit
LAN1 Diskless Boot option RPL/PXE/WOL
RPL/PXE/WOL
LAN2 Controller
Intel 82574L Phy
Same features as LAN1
Buses
PCI
--
Please call for options
PCIe x1 / x4 / x16
PCIe/104 (PCIe v2.0) - 4 x1 and (1 x16 or 1 x8 and 2 x4)
2.5 / 5 GT/s, Type 1 PCIe signaling
Specials/Options
ATA/SATA Interfaces
ATA primary/secondary
None
SATA Channels
2
SATA RAID Levels 0/1/5/10
0/1
1.5Gbs/3.0Gbs/6.0Gbs
1.5 Gb/s / 3.0 Gb/s / 6.0 Gb/s
Intel Storage Manager - IDE / AHCI / RAID
Onboard Compact Flash / Solid State Disk
None
USB Interfaces
Boot HD/FDD/CDROM/FD/ZIP
HD/FDD/CDROM/FD/ZIP
USB-Channels
8
Protocols - USB 1.1/2.0/Host/Device
1.1/2.0/Host
Serial Interfaces
COM1&2: TTL/RS232/RS485/RS422
RS232
COM3&4: TTL/RS232/RS485/RS422
--
RS232 max Speed
RS232 - 250kbps
SP3244EER1-L
Parallel Interfaces
LPT Uni/ECP/EPP/FDC
--
Specials/Options
16-Bit GPIO
Discrete port
Interfaces
PS/2 Keyboard/Mouse
Yes
Floppy Interface FDC
--
Watchdog
Yes
Power Supply
Supply Voltage
5V , 12V, 5V Suspend
Power Normal (typical)*
TBD
UPS/Pb-Batt
None
Cooling
passive / active
Operating Temperature (ambient)
-25 to 75 °C
ADL Embedded Solutions Thermal Solution
recommended
Extended Temperature
-40 to 85º C
Requires ADL-ET and Approved Thermal Solution
Storage Temp.
-40 to 85 °C
Dimensions
4.5” x 3.8” (115mm x 96mm)


Similar Part No. - ADLQM67PC-2655LE

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLQM67PC-2715QE ADL-ADLQM67PC-2715QE Datasheet
234Kb / 3P
   Intel Core i7 Quad, 2.1 GHz- 3 GHz
More results

Similar Description - ADLQM67PC-2655LE

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLQM67PC-2715QE ADL-ADLQM67PC-2715QE Datasheet
234Kb / 3P
   Intel Core i7 Quad, 2.1 GHz- 3 GHz
logo
List of Unclassifed Man...
PXI-3980 ETC2-PXI-3980 Datasheet
772Kb / 2P
   3U Intel Core i7-2715QE 2.1 GHz Quad-Core Processor-based PXI Controller
logo
Adlink Technology Inc.
PXI-3980 ADLINK-PXI-3980 Datasheet
250Kb / 3P
   3U Intel Core i7-2715QE 2.1 GHz Quad-Core Processor-based PXI Controller
logo
List of Unclassifed Man...
ANTARES ETC2-ANTARES Datasheet
300Kb / 2P
   High performance ??Intel Core i7/Core i5 processor technology
logo
Advantech Co., Ltd.
AIMB-505 ADVANTECH-AIMB-505 Datasheet
1Mb / 2P
   Intel Core i7/i5/i3 LGA1151 MicroATX
logo
Axiomtek Co., Ltd.
EBOX560-500-FL AXIOMTEK-EBOX560-500-FL_17 Datasheet
298Kb / 1P
   Fanless Embedded System with Intel Core i7-6600U 3.4 GHz/ i5-6300U 3 GHz
EBOX560-512-FL AXIOMTEK-EBOX560-512-FL Datasheet
342Kb / 1P
   Fanless Embedded System with Intel Core i5-7300U 3.5 GHz/Celeron 3965U 2.2 GHz
logo
List of Unclassifed Man...
IPC-I5619M-2R ETC2-IPC-I5619M-2R Datasheet
655Kb / 2P
   Intel Core i7/i5/i3 Sandy bridge Processor
logo
Axiomtek Co., Ltd.
CAPA881 AXIOMTEK-CAPA881 Datasheet
192Kb / 1P
   4th Generation Intel Core i7/i5/i3 processor
logo
List of Unclassifed Man...
IPC-I5618M-2W ETC2-IPC-I5618M-2W Datasheet
769Kb / 2P
   Intel Core i7/i5/i3 Sandy bridge Processor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com