Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE259650WM+H Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE259650WM+H
Description  150KHz 3A Buck DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE259650WM+H Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE259650WM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE259650WM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE259650WM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE259650WM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE259650WM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE259650WM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE259650WM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE259650WM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE259650WM+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACE2596
150KHz 3A Buck DC-DC Converter
VER 1.3
3
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Maximum Input Voltage (Note 2)
3.3V
VIN
32
V
5.0V
32
12V
32
ADJ (VOUT=3.2V)
32
ADJ (VOUT=2.5V)
25
Operating Junction Temperature
TJ
-40 to 125
OC
Note : For ADJ version, the recommended supply voltage depends on the needed output voltage.
Electrical Characteristics
For 3.3V Output Voltage Version
Unless otherwise specified, TJ=25℃, The specifications with boldface type apply over Full Operating Junction Temperature
Range.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output
VOUT
5.5V≦VIN≦32V,
0.2A≦ILOAD≦3A
3.168
3.135
3.3
3.432
3.465
V
Efficiency
η
VIN=12V, ILOAD=3A
75
%
For 5V Output Voltage Version
Unless otherwise specified, TJ=25℃, The specifications with boldface type apply over Full Operating Junction Temperature
Range.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output
VOUT
7V≦VIN≦32V,
0.2A≦ILOAD≦3A
4.800
4.750
5
5.200
5.250
V
Efficiency
η
VIN=12V, ILOAD=3A
80
%
For 12V Output Voltage Version
Unless otherwise specified, TJ=25℃, The specifications with boldface type apply over Full Operating Junction Temperature
Range.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output
VOUT
15V≦VIN≦32V,
0.2A≦ILOAD≦3A
11.52
11.40
12.0
12.48
12.60
V
Efficiency
η
VIN=24V, ILOAD=3A
88
%


Similar Part No. - ACE259650WM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE259650WM+H ACE-ACE259650WM+H Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
More results

Similar Description - ACE259650WM+H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
   3A / 150KHz Buck Dc-Dc Converter
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_07 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
TS2596 TSC-TS2596_08 Datasheet
488Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
TS2496 TSC-TS2496 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com