Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE2596 Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE2596
Description  150KHz 3A Buck DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2596 Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE2596_12 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE2596_12 Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ACE2596
150KHz 3A Buck DC-DC Converter
VER 1.3
9
ACE2596-ADJ
L1: Sumida CDRH127/LDNP-220MC or Equivalent
Figure 18. Typical Application of ACE2596-12V
R2 3.69K
R1
3.6K
4
12V
CFF
2.5V
Unregulated
FEEDBACK
33nF
Regulated
DC Input
1
ACE2596-ADJ
2
DC Output 3A Load
Vin
Output
L1
22uH
Vout=1.23*((R2+R1)/R1)
Cin
+
GND
ON/OFF
+
470uF
3
5
D1
Cout
1N5822
220uF
L1: Sumida CDRH127/LDNP-220MC or Equivalent
Figure 19. Typical Application of ACE2596-ADJ


Similar Part No. - ACE2596_12

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE259612WM+H ACE-ACE259612WM+H Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
ACE259633WM+H ACE-ACE259633WM+H Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
ACE259650WM+H ACE-ACE259650WM+H Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
ACE2596ADJWM+H ACE-ACE2596ADJWM+H Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
More results

Similar Description - ACE2596_12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
   3A / 150KHz Buck Dc-Dc Converter
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_07 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
TS2596 TSC-TS2596_08 Datasheet
488Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
TS2496 TSC-TS2496 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com