Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1117C18YM+H Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE1117C18YM+H
Description  1A Bipolar Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1117C18YM+H Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE1117C18YM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1117C18YM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1117C18YM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1117C18YM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1117C18YM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1117C18YM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1117C18YM+H Datasheet HTML 9Page - ACE Technology Co., LTD. ACE1117C18YM+H Datasheet HTML 10Page - ACE Technology Co., LTD. ACE1117C18YM+H Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ACE1117C
1A Bipolar Linear Regulator
VER 1.3
9
Packing Information
SOT-223
UNITS OF MEASURE=MILLIMETER
Symbol
Min
Nom
Max
A
-
-
1.80
A1
0.02
-
0.10
A2
1.50
1.60
1.70
A3
0.80
0.90
1.00
b
0.67
-
0.80
b1
0.66
0.71
0.76
b2
2.96
-
3.09
b3
2.95
3.00
3.05
c
0.30
-
0.35
c1
0.29
0.30
0.31
D
6.48
6.53
6.58
D1
6.55
6.60
6.65
D2
-
-
7.05
E
6.80
-
7.20
E1
3.40
3.50
3.60
E2
3.33
3.43
3.53
e
2.30BSC
e1
4.60BSC
L
0.8
1.00
1.20
L1
1.75REF
L2
0.25BSC
R
0.10
-
-
R1
0.10
-
-
Θ
0
-
8
Θ1
10
12
14


Similar Part No. - ACE1117C18YM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1117 ACE-ACE1117 Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
ACE1117 ACE-ACE1117 Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE111715XM+H ACE-ACE111715XM+H Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
ACE111715XM+H ACE-ACE111715XM+H Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE111715YM+H ACE-ACE111715YM+H Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
More results

Similar Description - ACE1117C18YM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
   1A Bipolar Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
   1A Bipolar Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7110 HMSEMI-HM7110 Datasheet
515Kb / 8P
   1A Bipolar Linear Regulator
logo
SHIKUES Electronics
SK1117 SKTECHNOLGY-SK1117 Datasheet
1,005Kb / 7P
   1A Bipolar Linear Regulator
logo
ACE Technology Co., LTD...
ACE1084 ACE-ACE1084_17 Datasheet
1Mb / 13P
   1A Bipolar Linear Regulator
VER 1.2
logo
Leshan Radio Company
LR1117D LRC-LR1117D Datasheet
838Kb / 9P
   1A Bipolar Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL1117C BELLING-BL1117C Datasheet
362Kb / 9P
   1A Bipolar Linear Regulator
logo
Leshan Radio Company
LR1117C LRC-LR1117C Datasheet
1,016Kb / 10P
   1A Bipolar Linear Regulator
logo
AiT Semiconductor Inc.
A317 AITSEMI-A317 Datasheet
239Kb / 7P
   BIPOLAR LINEAR REGULATOR 1A 40V ADJUSTABLE VOLTAGE
REV1.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com