Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1117C18YM+H Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE1117C18YM+H
Description  1A Bipolar Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1117C18YM+H Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE1117C18YM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1117C18YM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1117C18YM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1117C18YM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1117C18YM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1117C18YM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1117C18YM+H Datasheet HTML 9Page - ACE Technology Co., LTD. ACE1117C18YM+H Datasheet HTML 10Page - ACE Technology Co., LTD. ACE1117C18YM+H Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ACE1117C
1A Bipolar Linear Regulator
VER 1.3
7
Thermal Considerations
We have to take heat dissipation into great consideration when output current or differential voltage of
input and output voltage is large. Because in such cases, the power dissipation consumed by ACE1117C is
very large. ACE1117C series uses SOT-223 package type and its thermal resistance is about 20°C/W.
And the copper area of application board can affect the total thermal resistance. If copper area is 5cm*5cm
(two sides), the resistance is about 30°C/W. So the total thermal resistance is about 20°C/W + 30°C/W. We
can decrease total thermal resistance by increasing copper area in application board. When there is no
good heat dissipation copper are in PCB, the total thermal resistance will be as high as 120°C/W, then the
power dissipation of ACE1117C could allow on itself is less than 1W. And furthermore, ACE1117C will work
at junction temperature higher than 125°C under such condition and no lifetime is guaranteed.
Typical Performance Characteristic
Line Regulation
ACE1117C-ADJ Vout vs. Vin
Vin(V)
Load Regulation
ACE1117C-ADJ Vout vs. Iout
Iout(A)


Similar Part No. - ACE1117C18YM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1117 ACE-ACE1117 Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
ACE1117 ACE-ACE1117 Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE111715XM+H ACE-ACE111715XM+H Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
ACE111715XM+H ACE-ACE111715XM+H Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE111715YM+H ACE-ACE111715YM+H Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
More results

Similar Description - ACE1117C18YM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
   1A Bipolar Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
   1A Bipolar Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7110 HMSEMI-HM7110 Datasheet
515Kb / 8P
   1A Bipolar Linear Regulator
logo
SHIKUES Electronics
SK1117 SKTECHNOLGY-SK1117 Datasheet
1,005Kb / 7P
   1A Bipolar Linear Regulator
logo
ACE Technology Co., LTD...
ACE1084 ACE-ACE1084_17 Datasheet
1Mb / 13P
   1A Bipolar Linear Regulator
VER 1.2
logo
Leshan Radio Company
LR1117D LRC-LR1117D Datasheet
838Kb / 9P
   1A Bipolar Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL1117C BELLING-BL1117C Datasheet
362Kb / 9P
   1A Bipolar Linear Regulator
logo
Leshan Radio Company
LR1117C LRC-LR1117C Datasheet
1,016Kb / 10P
   1A Bipolar Linear Regulator
logo
AiT Semiconductor Inc.
A317 AITSEMI-A317 Datasheet
239Kb / 7P
   BIPOLAR LINEAR REGULATOR 1A 40V ADJUSTABLE VOLTAGE
REV1.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com