Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1117C12XM+H Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1117C12XM+H
Description  1A Bipolar Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1117C12XM+H Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1117C12XM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1117C12XM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1117C12XM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1117C12XM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1117C12XM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1117C12XM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1117C12XM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1117C12XM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1117C12XM+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACE1117C
1A Bipolar Linear Regulator
VER 1.3
1
Description
ACE1117C is a series of low dropout three-terminal regulators with a dropout of 1.3V at 1A load current.
ACE1117C features a very low standby current 2mA compared to 5mA of competitor.
Other than a fixed version Vout=1.2V,1.8V,2.5V,2.85V,3.3V,5V and 12V, ACE1117C has an adjustable
version, which can provide an output voltage from 1.25 to 12V with only two external resistors.
ACE1117C offers thermal shut down and current limit functions, to assure the stability of chip and power
system. And it uses trimming technique to guarantee output voltage accuracy within ±2%.Other output
voltage accuracy can be customized on command, such as ±1%.
Features
● Other than a fixed version and an adjustable version, output value can be customized on command.
● Maximum output current is 1A.
● Range of operation input voltage: Max 12V
● Standby current: 2mA (typ.)
● Line regulation: 0.1% (typ.)
● Load regulation: 10Mv (typ.)
● Environment Temperature: -20℃~85℃
● Compatible with tantalum capacitor, electrolytic capacitor
Application
● Power Management for Computer Mother Board, Graphic Card
● LCD Monitor and LCD TV
● DVD Decode Board
● ADSL Modem
● Post Regulators for switching supplies
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input voltage
VIN
15
V
Operating Junction Temperature
TJ
150
OC
Ambient Temperature
TA
-40~85
OC
Package Thermal Resistance
SOT-223
20
OC/W
TO-252
12.5
Storage temperature
TS
- 40 to 150
OC
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE1117C12XM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1117 ACE-ACE1117 Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
ACE1117 ACE-ACE1117 Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE111715XM+H ACE-ACE111715XM+H Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
ACE111715XM+H ACE-ACE111715XM+H Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE111715YM+H ACE-ACE111715YM+H Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
More results

Similar Description - ACE1117C12XM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
   1A Bipolar Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
   1A Bipolar Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7110 HMSEMI-HM7110 Datasheet
515Kb / 8P
   1A Bipolar Linear Regulator
logo
SHIKUES Electronics
SK1117 SKTECHNOLGY-SK1117 Datasheet
1,005Kb / 7P
   1A Bipolar Linear Regulator
logo
ACE Technology Co., LTD...
ACE1084 ACE-ACE1084_17 Datasheet
1Mb / 13P
   1A Bipolar Linear Regulator
VER 1.2
logo
Leshan Radio Company
LR1117D LRC-LR1117D Datasheet
838Kb / 9P
   1A Bipolar Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL1117C BELLING-BL1117C Datasheet
362Kb / 9P
   1A Bipolar Linear Regulator
logo
Leshan Radio Company
LR1117C LRC-LR1117C Datasheet
1,016Kb / 10P
   1A Bipolar Linear Regulator
logo
AiT Semiconductor Inc.
A317 AITSEMI-A317 Datasheet
239Kb / 7P
   BIPOLAR LINEAR REGULATOR 1A 40V ADJUSTABLE VOLTAGE
REV1.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com