Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1085G25YM+H Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE1085G25YM+H
Description  3A Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1085G25YM+H Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE1085G25YM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1085G25YM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1085G25YM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1085G25YM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1085G25YM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1085G25YM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1085G25YM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1085G25YM+H Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE1085G
3A Low Dropout Linear Regulator
VER 1.4
3
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
Reference Voltage
ACE1085G
Io=10mA, TJ =25,
(Vin-Vout )=1.5V
1.225 1.250 1.275
V
Output Voltage
ACE1085G-15
Io=10mA, TJ =25,
3V≦Vin≦12V
1.470 1.500 1.530
V
ACE1085G-18
Io=10mA, TJ =25,
3.3V≦Vin≦12V
1.764 1.800 1.836
V
ACE1085G-25
Io=10mA, TJ =25,
4V≦Vin≦12V
2.450 2.500 2.550
V
ACE1085G-33
Io=10mA, TJ =25,
4.8V≦Vin≦12V
3.235 3.300 3.365
V
ACE1085G-50
Io=10mA, TJ =25,
6.5V≦Vin≦12V
4.900 5.000 5.100
V
Line Regulator
ACE1085GXXX
Io=10mA,
Vout+1.5<Vin<12
0.2
%
Load Regulation
ACE1085G
Vin=3.3V, 0mA<Io<3A,
TJ=25(Note 1,2)
1
%
ACE1085G-15
Vin=3.0V, 0mA<Io<3A,
TJ=25(Note 1,2)
12
15
mV
ACE1085G-18
Vin=3.3V, 0mA<Io<3A,
TJ =25(Note 1,2)
15
18
mV
ACE1085G-25
Vin=4.0V, 0mA<Io<3A,
TJ=25(Note 1,2)
20
25
mV
ACE1085G-33
Vin=5.0V, 0mA<Io<3A,
TJ=25(Note 1,2)
26
33
mV
ACE1085G-50
Vin=8.0V, 0mA<Io<3A,
TJ=25(Note 1,2)
40
50
mV
Dropout Voltage
(Vin-Vout)
ACE1085GXXX
Io=3A(Vout=1% Vout)
1.3
1.4
V
Current Limit
ACE1085GXXX
Vin-Vout=5V
3.1
A
Minimum Load
Current
Adjustable
model
Vin=5V
5
10
mA
Adjust Pin Current
Adjustable
model
Vin=12V, Io=10mA
55
100
μA
Quiescent Current
Fixed model
Vin=12V, Io=0mA
12
mA
Thermal Regulation
TA=25℃, 30ms pulse
0.008
0.04
%W
Ripple Rejection
F=120Hz,COUT=25μF, Tantalum, IO=3A
ACE1085GXXX
Vin=Vout+3V
60
70
dB
Temperature
Stability
IO=10mA
0.5
%


Similar Part No. - ACE1085G25YM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
ACE1085181WM++ ACE-ACE1085181WM+ Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
ACE1085182WM++ ACE-ACE1085182WM+ Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
ACE108518YM++ ACE-ACE108518YM+ Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
ACE108518ZM++ ACE-ACE108518ZM+ Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results

Similar Description - ACE1085G25YM+H

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com