Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE714 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE714
Description  High Efficiency Low Noise PFM Step-up DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE714 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE714_12 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE714_12 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE714_12 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE714_12 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE714_12 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE714_12 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE714_12 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE714_12 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE714_12 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACE714
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
2
Absolute Maximum Ratings
Parameter
Max
Input voltage
-0.3 to 8
CE Pin Voltage
-0.3 to (Vin+0.3V)
Lx Pin Output Current
1.6A
Lx Pin Voltage
24V
Operating Junction Temperature (TJ)
125℃
Ambient Temperature (TA)
-40℃ to 85℃
Power Dissipation SOT-23-6
250mW
Storage Temperature (Ts)
-40℃ to 150℃
Packaging Type
SOT-23-6
6
5
4
1
2
3
Ordering Information
ACE714 XX + H
SOT-23-6
Description
Function
1
LX
Switching Pin
2
GND
Ground Pin
3
FB
Pin for Feedback Voltage
4
CE
Chip Enable Pin (Active with
“H”), connect to VIN if not used
5
OVP
Over Voltage Protection
6
VIN
Power Supply Pin
Halogen - free
GM : SOT-23-6
Pb - free


Similar Part No. - ACE714_12

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE714B ACE-ACE714B Datasheet
522Kb / 5P
   Step-up DC/DC Converter Backlight Driver
VER 1.2
ACE714C ACE-ACE714C Datasheet
630Kb / 9P
   Max. 3MHz, Variable Frequency Step-up DC/DC Converter
VER 1.2
ACE714GM+H ACE-ACE714GM+H Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
More results

Similar Description - ACE714_12

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
   High Efficiency Low Noise PFM Step-up DC-DC Converter
BL8534 BELLING-BL8534 Datasheet
175Kb / 11P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701 Datasheet
354Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8505 BELLING-BL8505 Datasheet
1Mb / 10P
   High Efficiency PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
   High efficiency PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com