Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0326660000 Datasheet(PDF) 1 Page - Weidmuller

Part No. 0326660000
Description  Modular terminal, accessories, end plate and intermediate plate, beige, 26 mm
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEIDMULLER [Weidmuller]
Homepage  http://www.weidmuller.com
Logo 

0326660000 Datasheet(HTML) 1 Page - Weidmuller

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product catalogue | Terminals | Screwing technology | SAK-series modular terminals | Accessories | Protective covers |
AH for SAKG
- 1 -
General ordering data
Order No.
0326660000
Part designation
AH 28 SAKG28
Version
Modular terminal, accessories, end plate and
intermediate plate, beige, 26 mm
EAN
4008190031510
Qty.
5 pc(s).
Additional technical data
UL 94 flammability rating of insulation material
V2
Dimensions
Width
26 mm
Length
156 mm
Approvals
Approvals institutes
Classifications
ETIM 2.0
EC000886
ETIM 3.0
EC000886
eClass 4.1
27-14-11-99
eClass 5.0
27-14-11-33
eClass 5.1
27-14-11-33
Similar products
Order No.
Part designation
Version
0326760000
AH 32 SAKG32
Modular terminal, accessories, end plate and intermediate plate,
beige, 30 mm
0326860000
AH 40 SAKG40
Modular terminal, accessories, end plate and intermediate plate,
beige, 38 mm
0326960000
AH 46 SAKG46
Modular terminal, accessories, end plate and intermediate plate,
beige, 46 mm


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn