Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD420 Datasheet(PDF) 1 Page - Analog Devices

Part No. AD420
Description  Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD420 Datasheet(HTML) 1 Page - Analog Devices

  AD420 Datasheet HTML 1Page - Analog Devices AD420 Datasheet HTML 2Page - Analog Devices AD420 Datasheet HTML 3Page - Analog Devices AD420 Datasheet HTML 4Page - Analog Devices AD420 Datasheet HTML 5Page - Analog Devices AD420 Datasheet HTML 6Page - Analog Devices AD420 Datasheet HTML 7Page - Analog Devices AD420 Datasheet HTML 8Page - Analog Devices AD420 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FUNCTIONAL BLOCK DIAGRAM
AD420
VCC
4k
40
BOOST
IOUT
VOUT
FAULT
DETECT
GND
CAP 1
OFFSET
TRIM
VLL
REF OUT
REF IN
DATA OUT
CLEAR
LATCH
CLOCK
DATA IN
RANGE
SELECT 1
RANGE
SELECT 2
1.25k
REFERENCE
CLOCK
16-BIT
DAC
DATA I/P
REGISTER
SWITCHED
CURRENT
SOURCES
AND
FILTERING
CAP 2
REV. F
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Serial Input 16-Bit
4 mA–20 mA, 0 mA–20 mA DAC
FEATURES
4 mA–20 mA, 0 mA–20 mA or 0 mA–24 mA Current Output
16-Bit Resolution and Monotonicity
0.012% Max Integral Nonlinearity
0.05% Max Offset (Trimmable)
0.15% Max Total Output Error (Trimmable)
Flexible Serial Digital Interface (3.3 MBPS)
On-Chip Loop Fault Detection
On-Chip 5 V Reference (25 ppm/ C Max)
Asynchronous CLEAR Function
Maximum Power Supply Range of 32 V
Output Loop Compliance of 0 V to VCC – 2.5 V
24-Lead SOIC and PDIP Packages
PRODUCT DESCRIPTION
The AD420 is a complete digital to current loop output con-
verter, designed to meet the needs of the industrial control
market. It provides a high precision, fully integrated, low cost
single-chip solution for generating current loop signals in a
compact 24-lead SOIC or PDIP package.
The output current range can be programmed to 4 mA–20 mA,
0 mA–20 mA or an overrange function of 0 mA–24 mA. The
AD420 can alternatively provide a voltage output from a sepa-
rate pin that can be configured to provide 0 V–5 V, 0 V–10 V,
±5 V or ±10 V with the addition of a single external buffer
amplifier.
The 3.3M Baud serial input logic design minimizes the cost of
galvanic isolation and allows for simple connection to com-
monly used microprocessors. It can be used in three-wire or
asynchronous mode and a serial-out pin is provided to allow
daisy chaining of multiple DACs on the current loop side of the
isolation barrier.
The AD420 uses sigma-delta (
Σ∆) DAC technology to achieve
16-bit monotonicity at very low cost. Full-scale settling to 0.1%
occurs within 3 ms. The only external components that are re-
quired (in addition to normal transient protection circuitry) are
two low cost capacitors which are used in the DAC output filter.
If the AD420 is going to be used at extreme temperatures and
supply voltages, an external output transistor can be used to
minimize power dissipation on the chip via the “BOOST” pin.
The FAULT DETECT pin signals when an open circuit occurs
in the loop. The on-chip voltage reference can be used to supply
a precision +5 V to external components in addition to the
AD420 or, if the user desires temperature stability exceeding
25 ppm/
°C, an external precision reference such as the AD586
can be used as the reference.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
AD420
The AD420 is available in a 24-lead SOIC and PDIP over the
industrial temperature range of –40
°C to +85°C.
PRODUCT HIGHLIGHTS
1. The AD420 is a single chip solution for generating 4 mA–
20 mA or 0 mA–20 mA signals at the “controller end” of the
current loop.
2. The AD420 is specified with a power supply range
from 12 V to 32 V. Output loop compliance is 0 V to
VCC – 2.5 V.
3. The flexible serial input can be used in three-wire mode
with SPI® or MICROWIRE® microcontrollers, or in asyn-
chronous mode which minimizes the number of control
signals required.
4. The serial data out pin can be used to daisy chain any num-
ber of AD420s together in three-wire mode.
5. At power-up the AD420 initializes its output to the low end
of the selected range.
6. The AD420 has an asynchronous CLEAR pin which sends
the output to the low end of the selected range (0 mA,
4 mA, or 0 V).
7. The AD420 BOOST pin accommodates an external transis-
tor to off-load power dissipation from the chip.
8. The offset of
±0.05% and total output error of ±0.15% can
be trimmed if desired, using two external potentiometers.
SPI is a registered trademark of Motorola.
MICROWIRE is a registered trademark of National Semiconductor.


Similar Part No. - AD420

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD420 AD-AD420 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
List of Unclassifed Manufacturers
List of Unclassifed Man...
AD420-00 ETC2-AD420-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
Analog Devices
Analog Devices
AD420AN-32 AD-AD420AN-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420AN-32 AD-AD420AN-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results

Similar Description - AD420

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz