Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OL-STRIPE Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # OL-STRIPE
Description  The light source of the OL-Stripe series is suggested the Everlight LED T5 Cobra light tube.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

OL-STRIPE Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  OL-STRIPE Datasheet HTML 1Page - Everlight Electronics Co., Ltd OL-STRIPE Datasheet HTML 2Page - Everlight Electronics Co., Ltd OL-STRIPE Datasheet HTML 3Page - Everlight Electronics Co., Ltd OL-STRIPE Datasheet HTML 4Page - Everlight Electronics Co., Ltd OL-STRIPE Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DATASHEET
Office Lighting
Stripe
5
Copyright © 2010, Everlight All Rights Reserved. Release Date : 5.5.2011. Issue No:
DBM-0000066 _v3.
www.everlight.com
Application Notes
To ensure optimal performance of the OL-Stripe series Office Lighting, operation within
parameters of this datasheet and understanding of the internal components is crucial.
LED T5 Tube
The light source of the OL-Stripe series is suggested the Everlight LED T5 Cobra light tube.
This LED light tube is DC DRIVEN ONLY and the power input should be 48VDC. Driving the
Everlight LED T5 Cobra light tube with AC power input may be hazardous and result in failure.
The Everlight LED T5 Cobra in the OL-Stripe can only be replaced by an equivalent Everlight
LED T5 Cobra. This will greatly reduce the possibility of incompatible light sources that may be
hazardous and result in failure.
When installing the Everlight LED T5 Cobra, please ensure that pins are properly placed within
the socket and turned a full 90°. This will ensure optimal light output and performance.
The lens of the Everlight LED T5 Cobra is composed of standard polycarbonate material.
Unnecessary pressure or bending of the lens may result in puncturing or cracking the surface.
Please handle with care.
Although the Everlight LED T5 Cobra is fitted with an aluminum heat sink, proper airflow will
ensure optimal performance and lifetime.
Power Supply
The power supply is an AC to DC power transfer device rated at 12.5 W and 25.4 W that has
the capability to deliver an output of 48 VDC with a standard rated current of 0.24A and 0.48A.
The input is rated at 100-240VAC 50/60Hz with a range capability of up to 90-264VAC 47-63Hz.
The current max achievable is 0.26 A and 0.53 A. Two pins each are reserved for both input and
output power of the power supply. Please see the diagram below for pin configuration of the PSU.
Pin Layout
Section
Pin
Description
Conn1
L
Input
N
Input
Conn2
V-
Gnd
V+
Output


Similar Part No. - OL-STRIPE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OL-1098 ETC-OL-1098 Datasheet
177Kb / 2P
   T-1 Sub-Midget Flanged
OL-1099 ETC-OL-1099 Datasheet
177Kb / 2P
   T-1 Sub-Midget Flanged
OL-1100 ETC-OL-1100 Datasheet
177Kb / 2P
   T-1 Sub-Midget Flanged
OL-1112 ETC-OL-1112 Datasheet
177Kb / 2P
   T-1 Sub-Midget Flanged
OL-3002 ETC-OL-3002 Datasheet
177Kb / 2P
   T-1 Sub-Midget Flanged
More results

Similar Description - OL-STRIPE

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
OL-WEDGE EVERLIGHT-OL-WEDGE Datasheet
344Kb / 5P
   The light source of the OL-Wedge series is suggested the Everlight LED T5 Cobra light tube.
GL-PAR30 EVERLIGHT-GL-PAR30 Datasheet
450Kb / 7P
   Light source: Everlight SMD LED
GL-PAR38 EVERLIGHT-GL-PAR38 Datasheet
580Kb / 7P
   Light source: Everlight SMD LED
logo
Hamamatsu Corporation
L2D2 HAMAMATSU-L2D2 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
logo
TE Connectivity Ltd
408-10465 TEC-408-10465 Datasheet
60Kb / 1P
   Remove the four screws at the bottom of the light
logo
KODENSHI_AUK CORP.
PIC96601 KODENSHI-PIC96601 Datasheet
151Kb / 3P
   The analog output current is proportional to the quantity of ambient light
logo
Shenzhen Huazhimei Semi...
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
logo
CITIZEN ELECTRONICS CO....
CL-L102 CITIZEN-CL-L102 Datasheet
189Kb / 3P
   The light-emitting element of an LED radiates light and heat according to the input power.
logo
Shenzhen Huazhimei Semi...
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com