Electronic Components Datasheet Search |
|
ACE50144AM+H Datasheet(PDF) 1 Page - ACE Technology Co., LTD. |
|
ACE50144AM+H Datasheet(HTML) 1 Page - ACE Technology Co., LTD. |
1 / 10 page ACE501 250mA CMOS Low Dropout Voltage Low consumption Regulator VER 1.4 1 Description ACE501 series is a group of positive voltage output, low power consumption, low dropout voltage, three terminal regulator. It can provide 250mA output current when input / output voltage differential drops to 400mV (Vin=4.0V. Vout=3.0V).The very low power consumption of ACE501 (lq=3.0uA) can greatly improve natural life of batteries. ACE501 can provide output value in the range of 1.2V~6.0V in 0.1V steps. It also can customized on command. ACE501 includes high accuracy voltage reference, error amplifier, current limit circuit and output driver module. ACE501 has well load transient response and good temperature characteristic, which can assure the stability of chip and power system, And it uses trimming technique to guarantee output voltage accuracy within ±2%. Features Low Power Consumption: 3.0uA (Typ) Maximum Output Current: 250mA Small Dropout Voltage 170mV@100mA (Vout=3.0V) / 400mV@250mA (Vout=3.0V) Input Voltage Range: 1.5V~10V Output Voltage Range: 1.2V~6.0V (customized on command in 0.1V steps) High Accurate: ±2% (±1% customized)e Output Current Limit Application Battery Powered equipment Power Management of MP3. PDA. DSC. Mouse. PS2 Games Reference Voltage Source Regulation after Switching Power Typical Performance Characteristic: Output Voltage vs. Output Current (Vout=1.5V) Output Current (mA) |
Similar Part No. - ACE50144AM+H |
|
Similar Description - ACE50144AM+H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |