Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE431SCFM+H Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE431SCFM+H
Description  Adjustable Precision Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE431SCFM+H Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE431SCFM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE431SCFM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE431SCFM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE431SCFM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE431SCFM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE431SCFM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE431SCFM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE431SCFM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE431SCFM+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ACE431S
Adjustable Precision Shunt Regulator
VER 1.4
3
Block Diagram
Symbol Diagram
Electrical Characteristics
TA=25℃ unless otherwise specified.
Parameter
Test
Circuit
Symbol
Conditions
Min
Typ
Max
Units
Reference Voltage
0.5%
1
VREF
VKA=VREF,
IKA=10mA
2483
2495
2507
mV
1%
2470
2495
2520
2%
2445
2495
2545
Deviation of reference
voltage over full
temperature range
1
VI(Dev)
VKA=VREF,
IKA=10mA
TA=-40℃ to 85℃
-14
mV
Ration of change in
reference voltage to the
change in cathode voltage
2
IΔV
REF/ΔVKAI
IKA=3 mA,
ΔV
KA=10V- VREF
0.2
2.7
mV/V
Minimum cathode current
for Regulation
1
IMIN
VKA=VREF
0.15
0.3
mA
Dynamic Impedance
1
ZKA
VKA=VREF, IKA=1 to
80mA, f≦1.0KHz
0.08
0.7
Ω


Similar Part No. - ACE431SCFM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE431SCFM+H ACE-ACE431SCFM+H Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
More results

Similar Description - ACE431SCFM+H

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com