Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE93C56 Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE93C56
Description  Three-wire Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE93C56 Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE93C56 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE93C56 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE93C56 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE93C56 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE93C56 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE93C56 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE93C56 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE93C56 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE93C56 Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ACE93C46.56.66
Three-wire Serial EEPROM
VER 1.5
6
Symbol
Parameter
Test Condition
Min
Typ Max
Units
tpd1
Output Delay to
“1”
AC Test
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
250
250
1000
ns
tpd0
Output Delay to
“0”
AC Test
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
250
250
1000
ns
tsv
CS to Status Valid
AC Test
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
250
250
1000
ns
tdf
CS to DO in High
Impedance
AC Test
CS=VIL
4.5≦Vcc≦5.5v
2.7≦Vcc≦5.5V
1.8V≦Vcc≦5.5V
100
100
400
ns
twp
Write Cycle Time
1.5
5
ms
Endurance
(1)
5.0V, 25℃
1M
Write
Cycle
Note: 1. This parameter is characterized and is not 100% tested.
Functional Description
The ACE93C46/56/66 is accessed via a simple and versatile three-wire serial communication interface. Device
operation is controlled by seven instructions issued by the host processor. A valid instruction starts with a rising edge of
CS and
consists of a start bit (logic“1”) followed by the appropriate op code and the desired memory address location.
Instruction Set for the ACE93C46
Instruction
SB
OP
Code
Address
Data
Comments
*8
*16
*8
*16
READ
1
10
A6-A0
A5-A0
Read data stored in memory, at
specified address
EWEN
1
00
11XXXXX
11XXXX
Write enable must precede all
programming modes
REASE
1
11
A6-A0
A5-A0
Erase memory location An-A0
WRITE
1
01
A6-A0
A5-A0
D7-D0 D15-D0
Writes memory location An-A0
ERAL
1
00
10XXXXX
10XXXX
Erases all memory locations. Valid
only at VCC=4.5V to 5.5V
WRAL
1
00
01XXXXX
01XXXX
D7-D0 D15-D0
Writes all memory locations. Valid
only at VCC=4.5V to 5.5V
EWDS
1
00
00XXXXX
00XXXX
Disables all programming
instructions
Notes: The X
’s in the address field represent don’t care values and must be clocked.


Similar Part No. - ACE93C56

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46 Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
ACE93C46A ACE-ACE93C46A Datasheet
1Mb / 16P
   Three-wire Serial EEPROM
VER 1.3
ACE93C46DPTH ACE-ACE93C46DPTH Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
ACE93C46DPUH ACE-ACE93C46DPUH Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
ACE93C46FMTH ACE-ACE93C46FMTH Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
More results

Similar Description - ACE93C56

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_06 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E Datasheet
429Kb / 15P
   Three-wire Serial EEPROM
AT93C46 ATMEL-AT93C46_07 Datasheet
535Kb / 18P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46A ACE-ACE93C46A Datasheet
1Mb / 16P
   Three-wire Serial EEPROM
VER 1.3
logo
E-CMOS Corporation
EC93C56A E-CMOS-EC93C56A Datasheet
354Kb / 14P
   Three-wire Serial EEPROM
logo
ATMEL Corporation
AT93C86A ATMEL-AT93C86A_07 Datasheet
721Kb / 18P
   Three-wire Serial EEPROM
AT93C46D ATMEL-AT93C46D Datasheet
448Kb / 17P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_09 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46 Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com