Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD2S93BP Datasheet(PDF) 6 Page - Analog Devices

Part # AD2S93BP
Description  Low Cost LVDT-to-Digital Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S93BP Datasheet(HTML) 6 Page - Analog Devices

Back Button AD2S93BP Datasheet HTML 2Page - Analog Devices AD2S93BP Datasheet HTML 3Page - Analog Devices AD2S93BP Datasheet HTML 4Page - Analog Devices AD2S93BP Datasheet HTML 5Page - Analog Devices AD2S93BP Datasheet HTML 6Page - Analog Devices AD2S93BP Datasheet HTML 7Page - Analog Devices AD2S93BP Datasheet HTML 8Page - Analog Devices AD2S93BP Datasheet HTML 9Page - Analog Devices AD2S93BP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
–6–
REV. A
AD2S93
+VE POSITION
FULL SCALE
–VE POSITION
FULL SCALE
NULL
POSITION
OUTPUT CODES
MAGNITUDE
0100
0000
0000
0000
0100
1111
1111
1111
0100
0000
0000
0000
0000
0000
0000
0001
0000
1111
1111
1111
0001
0000
0000
0000
0001
0000
0000
0001
0001
1111
1111
1110
0001
1111
1111
1111
0011
0000
0000
0000
0011
0000
0000
0001
0011
1111
1111
1111
RANGE
OVER-
RANGE
–1
0
≠ 1
RATIO OF A- B/REF/2
A – B = – REF/2
A – B = + REF/2
A – B = 0
UNDER-
RANGE
LOS
OVR
UNR
SIGN
Figure 2. Output Code Format
If the maximum operating stroke of an LVDT yielded a 1 V rms
A–B output, the weighting of the LVDT to AD2S93 digital out-
put would be:
Input Signal Full Scale
Full-Scale Operating Range (
±212 )
1
× 22
2
13
Input Scaling
= 345 µV/LSB
This can be equated directly to the LVDT sensitivity specifica-
tion in mm/v/v.
Note: The overrange and underrange quadrants can be utilized
by decoding the overrange and underrange MSBs and decoding
the 12 magnitude bits. This will increase the operating range of
the AD2S93 accordingly. However, if the input A–B > VREF
then the converter will lose track of the input and will only re-
gain track when the input signal returns to within the operating
range of the converter.
INPUT GAIN
Since the transformation ratio of an LVDT or RVDT from exci-
tation voltage to signal voltage can be 1:0.15, provision for gain
scaling has been provided. The gain can, therefore, be selected
to ensure that the full-scale output of converter represents the
maximum stroke position of the transducer.
The gain setting is accomplished by connecting Pin 2, (DIFF)
and Pin 3 (GAIN) together (unity gain) or connecting two resis-
tors as shown in Figure 3.
The gain of the input stage is calculated using the following
equation:
DIFF ( A – B)
( A – B) IN
= 1+
R
3
R
4
e.g., For a gain of 5, R3 = 12 k
Ω, R4 = 3 kΩ
For a gain of 10, R3 = 18 k
Ω, R4 = 2 kΩ
AGND
R4
R3
GAIN
DIFF
A
B
Figure 3. Pre-Amp Gain Block
SETTING THE CONVERTER BANDWIDTH
The AD2S93 bandwidth is set by placing three external compo-
nents, C1, C2, and R2, around the integrator as illustrated by
the figure below.
THI
R1
C2
C1
R2
CV
RV
THO
62.5
VCO
INT
Figure 4. Integrator and VCO
Before the bandwidth can be set, the corresponding VCO gain
setting must be determined. The VCO gain is directly related to
the slew rate of the converter. This is set internally to two dif-
ferent rates defined internally by RV.
Typical converter slew rates are defined below,
G (1) = 2400 LSB/ms–Mode 1
G (2) = 800 LSB/ms–Mode 2


Similar Part No. - AD2S93BP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S90 AD-AD2S90 Datasheet
168Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S90AP AD-AD2S90AP Datasheet
168Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S90APZ AD-AD2S90APZ Datasheet
170Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S90 AD-AD2S90_15 Datasheet
170Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S99 AD-AD2S99 Datasheet
317Kb / 8P
   Programmable Oscillator
REV. B
More results

Similar Description - AD2S93BP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADC12QZ AD-ADC12QZ_15 Datasheet
1Mb / 4P
   LOW COST GENERAL PURPOSE ANALOG TO DIGITAL CONVERTER
logo
Intronics Power, Inc.
ADC1140 INTRONICS-ADC1140 Datasheet
906Kb / 4P
   Low Cost 16-Bit Anlog-to-Digital Converter
logo
Analog Devices
ADC12QM AD-ADC12QM_15 Datasheet
1Mb / 4P
   LOW COST GENERAL PURPOSE ANALOG TO DIGITAL CONVERTER
DAC10Z AD-DAC10Z_15 Datasheet
768Kb / 2P
   LOW COST GENERAL PURPOSE DIGITAL TO ANALOG CONVERTER
AD2S90 AD-AD2S90_15 Datasheet
170Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S90 AD-AD2S90 Datasheet
168Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S46 AD-AD2S46_15 Datasheet
2Mb / 8P
   LOW COST 16 BIT SYNCHRO RESOLVER TO DIGITAL CONVERTER
REV. 0
AD2S90APZ AD-AD2S90APZ Datasheet
170Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S44 AD-AD2S44_15 Datasheet
310Kb / 12P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
AD2S44 AD-AD2S44 Datasheet
389Kb / 8P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com