Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE24C04B Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE24C04B
Description  Two-wire Serial EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C04B Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE24C04B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C04B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C04B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C04B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C04B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C04B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C04B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C04B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C04B Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ACE24C02/04/08/16B
Two-wire Serial EEPROM
VER 1.3
4
Ordering information
ACE24C02/04/08/16B XX
+
X
H
Device/Page Addresses (A2, A1 and A0):
The A2, A1 and A0 pins are device address inputs that are hard wired for the ACE24C02B. Eight 2K
devices may be addressed on a single bus system (device addressing is discussed in detail under the
Device Addressing section).
The ACE24C04B uses the A2 and A1 inputs for hard wire addressing and a total of four 4K devices may
be addressed on a single bus system. The A0 pin is a no connect and can be connected to ground.
The ACE24C08B only uses the A2 input for hardwire addressing and a total of two 8K devices may be
addressed on a single bus system. The A0 and A1 pins are no connects and can be connected to
ground.
The ACE24C16B
does not use the device address pins, which limits the number of devices on a
single bus to one. The A0, A1, and A2 pins are no connects and can be connected to ground.
Serial Data (SDA):
The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven and may be wire-ORed
with any number of other open-drain or open- collector devices.
Serial Clock (SCL):
The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock
data out of each device.
Write Protect (WP):
The ACE24C02B/ACE24C04B/ACE24C08B/ACE24C16B has a Write Protect pin that provides
hardware data protection. The Write Protect pin allows normal read/write operations when connected to
ground (GND). When the Write Protect pin is connected to VCC, the write protection feature is enabled
and operates as shown in the following.
Pb - free
U : Tube
T : Tape and Reel
DP : DIP-8
FM : SOP-8
TM : TSSOP-8
OM : MSOP-8
DM : TDFN
BM : SOT-23-5
Halogen-free


Similar Part No. - ACE24C04B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C04 ACE-ACE24C04 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
ACE24C04.08A ACE-ACE24C04.08A Datasheet
281Kb / 15P
   Two-wire Serial EEPROM
VER 1.2
ACE24C04.08A ACE-ACE24C04.08A_11 Datasheet
607Kb / 15P
   Two-wire Serial EEPROM
VER 1.5
ACE24C04/08ADPTH ACE-ACE24C04/08ADPTH Datasheet
281Kb / 15P
   Two-wire Serial EEPROM
VER 1.2
ACE24C04/08ADPUH ACE-ACE24C04/08ADPUH Datasheet
281Kb / 15P
   Two-wire Serial EEPROM
VER 1.2
More results

Similar Description - ACE24C04B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com