Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD28MSP02BR Datasheet(PDF) 15 Page - Analog Devices

Part No. AD28MSP02BR
Description  Voiceband Signal Port
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP02BR Datasheet(HTML) 15 Page - Analog Devices

Back Button AD28MSP02BR Datasheet HTML 11Page - Analog Devices AD28MSP02BR Datasheet HTML 12Page - Analog Devices AD28MSP02BR Datasheet HTML 13Page - Analog Devices AD28MSP02BR Datasheet HTML 14Page - Analog Devices AD28MSP02BR Datasheet HTML 15Page - Analog Devices AD28MSP02BR Datasheet HTML 16Page - Analog Devices AD28MSP02BR Datasheet HTML 17Page - Analog Devices AD28MSP02BR Datasheet HTML 18Page - Analog Devices AD28MSP02BR Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD28msp02
REV. 0
–15–
DIGITAL TEST CONDITIONS
3.0V
1.5V
0.0V
2.0V
1.5V
0.8V
DIGITAL INPUT
DIGITAL OUTPUT
Figure 15. Voltage Reference Levels for AC Measurements
TO DIGITAL
OUTPUT PIN
50pF
+1.5V
I
OH
I
OL
Figure 16. Equivalent Device Loading for AC
Measurements (Includes All Fixtures)
GAIN
Parameter
Min
Typ
Max
Unit
Test Conditions
ADC Absolute Gain
–0.2
0
0.2
dBm0
1.0 kHz, 0 dBm0
ADC Gain Tracking Error
–0.1
0
0.1
dBm0
1.0 kHz, +3 to –50 dBm0
DAC Absolute Gain
–0.2
0
0.2
dBm0
1.0 kHz, 0 dBm0
DAC Gain Tracking Error
–0.1
0
0.1
dBm0
1.0 kHz, +3 to –50 dBm0
FREQUENCY RESPONSE
Input Freq
Min Output
Max Output
(Hz)
(dB)
(dB)
0–
–25
100
–25
150
–0.3
+0.3
200
–0.3
+0.3
300
–0.2
+0.2
1000
–0.2
+0.2
2000
–0.2
+0.2
3000
–0.2
+0.2
3400
–0.2
+0.2
3700
–0.3
+0.3
4000
–60
>4000
–60
Frequency responses of ADC and DAC measured with input at audio reference
level (the input level that produces an output level of –10 dBm0), with 20 dB
preamplifier bypassed and input gain of 0 dB. The in-band ripple shall not ex-
ceed 0.2 dB.


Similar Part No. - AD28MSP02BR

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD28MSP01 AD-AD28MSP01 Datasheet
368Kb / 28P
   PSTN Signal Port
REV. A
AD28msp01KN AD-AD28msp01KN Datasheet
368Kb / 28P
   PSTN Signal Port
REV. A
AD28msp01KP AD-AD28msp01KP Datasheet
368Kb / 28P
   PSTN Signal Port
REV. A
AD28msp01KR AD-AD28msp01KR Datasheet
368Kb / 28P
   PSTN Signal Port
REV. A
AD28msp01KST AD-AD28msp01KST Datasheet
368Kb / 28P
   PSTN Signal Port
REV. A
More results

Similar Description - AD28MSP02BR

ManufacturerPart No.DatasheetDescription
Winbond
Winbond
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
List of Unclassifed Manufacturers
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
Nuvoton Technology Corporation
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
Winbond
Winbond
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
Rhombus Industries Inc.
Rhombus Industries Inc.
T-31107 RHOMBUS-IND-T-31107 Datasheet
33Kb / 1P
   Modem Coupling and Voiceband Transformers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz