Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD28msp01KST Datasheet(PDF) 18 Page - Analog Devices

Part No. AD28msp01KST
Description  PSTN Signal Port
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28msp01KST Datasheet(HTML) 18 Page - Analog Devices

Back Button AD28msp01KST Datasheet HTML 14Page - Analog Devices AD28msp01KST Datasheet HTML 15Page - Analog Devices AD28msp01KST Datasheet HTML 16Page - Analog Devices AD28msp01KST Datasheet HTML 17Page - Analog Devices AD28msp01KST Datasheet HTML 18Page - Analog Devices AD28msp01KST Datasheet HTML 19Page - Analog Devices AD28msp01KST Datasheet HTML 20Page - Analog Devices AD28msp01KST Datasheet HTML 21Page - Analog Devices AD28msp01KST Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD28msp01–SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
K Grade
Symbol
Parameter
Min
Max
Unit
VDD, VCC
Supply Voltage
4.75
5.25
V
TAMB
Ambient Operating Temperature
0
+70
°C
Refer to Environmental Conditions for information on case temperature and thermal specifications.
REV. A
–18–
ESD SENSITIVITY
The AD28msp01 features proprietary input protection circuitry to dissipate high-energy discharges
(Human Body Model). Per Method 3015 of MIL-STD-883 the AD28msp01 has been classified as a
Class 1 device.
Proper ESD precautions are strongly recommended to avoid functional damage or performance
degradation. Charges readily accumulate on the human body and test equipment and discharge without
detection. Unused devices must be stored in conductive foam, trays, or tubes, and the foam should be
discharged to the destination socket before devices are removed.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Input Voltage . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Output Voltage Swing . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range (Ambient) . . . . . 0
°C to +70°C
Storage Temperature Range . . . . . . . . . . . . –55
°C to +150°C
Lead Temperature (5 seconds) SOIC . . . . . . . . . . . . +280
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. These are stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Test Conditions Unless Otherwise Noted
Temperature
+25
°C
Sample Rate (FS)
9.6 kHz
Input Signal Frequency
993.75 Hz
Input Signal Level
0.0 dBm0
Analog Input Gain
Unity
Analog Output Passband
220 Hz to 3.4 kHz


Similar Part No. - AD28msp01KST

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02BN AD-AD28MSP02BN Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02BR AD-AD28MSP02BR Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02KN AD-AD28MSP02KN Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02KR AD-AD28MSP02KR Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
More results

Similar Description - AD28msp01KST

ManufacturerPart No.DatasheetDescription
Bel Fuse Inc.
Bel Fuse Inc.
0803-7700-03 BEL-0803-7700-03 Datasheet
151Kb / 2P
   VDSL / PSTN CO Splitter
0803-7700-05 BEL-0803-7700-05 Datasheet
153Kb / 2P
   VDSL / PSTN CPE Splitter
Silver Telecom 2019
Silver Telecom 2019
AG2130 SILVERTEL-AG2130 Datasheet
154Kb / 11P
   Low Cost PSTN Interface
Bel Fuse Inc.
Bel Fuse Inc.
0803-7700-11 BEL-0803-7700-11 Datasheet
151Kb / 2P
   VDSL / PSTN CO Splitter
List of Unclassifed Manufacturers
List of Unclassifed Man...
AG2120 ETC1-AG2120 Datasheet
246Kb / 14P
   FULLY FEATURED PSTN INTERFACE
AG2130 ETC2-AG2130 Datasheet
322Kb / 11P
   LOW COST PSTN INTERFACE
Silver Telecom 2019
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
Analog Devices
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
Cynergy3 Co
Cynergy3 Co
SC-ISOCON3 CYNERGY3-SC-ISOCON3 Datasheet
190Kb / 1P
   3 Port Isolating Signal Converter
SC-ISOCON6 CYNERGY3-SC-ISOCON6 Datasheet
190Kb / 1P
   3 Port Isolating Signal Converter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz