Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL4148 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LL4148
Description  0.2AMP. High Speed Switching Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LL4148 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LL4148 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LL4148 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
1
2
5
10
20
50
0.5
2.5
2.0
1.5
1.0
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
10
100
3
2.5
2
1.5
1
0.5
0
REVERSE VOLTAGE. (V)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.01
1000
100
10
1
0.1
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=75 C
0
Tj=125 C
0
Tj=25 C
0
RATINGS AND CHARACTERISTIC CURVES (LL4148)
FIG.5- TYPICAL FORWARD CHARACTERISTICS
FORWARD VOLTAGE (V)
0
0.4
0.8
1.2
1.6
2.0
AMBIENT TEMPERATURE. ( C)
o
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
200
250
200
150
100
50
0
AMBIENT TEMPERATURE. ( C)
o
100
300
0.1
Tj=25 C
0
LL4148
0.2AMP. High Speed Switching Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.8, 24-Mar-06
logo
Shenzhen Yixinwei Techn...
LL4148 YIXIN-LL4148 Datasheet
231Kb / 4P
   Silicon Epitaxial Planar Switching Diode
logo
Shanghai Shunye Electro...
LL4148 SY-LL4148 Datasheet
229Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Weitron Technology
LL4148 WEITRON-LL4148 Datasheet
167Kb / 4P
   Surface Mount Switching Diodes
logo
Goodwork Semiconductor ...
LL4148 GWSEMI-LL4148 Datasheet
117Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
BAV56 NIUHANG-BAV56 Datasheet
417Kb / 3P
   HIGH SPEED SWITCHING RECTIFIERS
BAV19W NIUHANG-BAV19W Datasheet
214Kb / 3P
   HIGH SPEED SWITCHING RECTIFIERS
1N4148W NIUHANG-1N4148W Datasheet
538Kb / 3P
   HIGH SPEED SWITCHING RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
R1200 YFWDIODE-R1200_V02 Datasheet
524Kb / 3P
   0.5/0.2Amp High Voltage Rectifier
logo
Taiwan Semiconductor Co...
LL4148 TSC-LL4148 Datasheet
219Kb / 2P
   0.2 AMPS. High Speed Switching Rectifiers
logo
SeCoS Halbleitertechnol...
SCS481J SECOS-SCS481J Datasheet
885Kb / 2P
   Plastic-Encapsulate Diodes 0.2AMP Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
R4000F YFWDIODE-R4000F Datasheet
476Kb / 3P
   0.2Amp High Voltage Rectifier
R1200 YFWDIODE-R1200_V01 Datasheet
633Kb / 3P
   0.5/0.2Amp High Voltage Rectifier
logo
Sanyo Semicon Device
DCG10 SANYO-DCG10 Datasheet
47Kb / 2P
   High-Speed Rectifiers, High-Frequency Rectifiers
DCH10 SANYO-DCH10 Datasheet
47Kb / 2P
   High-Speed Rectifiers, High-Frequency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com