Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD2S100 Datasheet(PDF) 11 Page - Analog Devices

Part # AD2S100
Description  AC Vector Processor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S100 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD2S100 Datasheet HTML 4Page - Analog Devices AD2S100 Datasheet HTML 5Page - Analog Devices AD2S100 Datasheet HTML 6Page - Analog Devices AD2S100 Datasheet HTML 7Page - Analog Devices AD2S100 Datasheet HTML 8Page - Analog Devices AD2S100 Datasheet HTML 9Page - Analog Devices AD2S100 Datasheet HTML 10Page - Analog Devices AD2S100 Datasheet HTML 11Page - Analog Devices AD2S100 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD2S100
REV. A
–11–
VECTOR
COPROCESSOR
AD2S100
ADC
HOST COMPUTER
ADSP-2101/
ADSP-2105
DAC
AD2S80A
R/D
CONVERTER
AD7874
DAC-8412
VECTOR
COPROCESSOR
AD2S100
ia, ib, ic
θ
INDUCTION
MOTOR
INV
+
PWM
Figure 14. Advanced Motion Control Engine
The magnitude of the n-th harmonic as well as the fundamental
component in the power line is represented by the output of the
low-pass filter, ak. In concert with magnitude of the harmonic
the AD2S100 homopolar output will indicate whether the
three phases are balanced or not. For more details about this
application, refer to the related application note listed in the
bibliography.
LOW PASS
FILTER
e–jφ PARK
TRANSFORMATION
12-BIT UP/DOWN
COUNTER
AD2S100
ak
HOMOPOLAR
OUTPUT
PULSE INPUTS
DIRECTION
Va
Vb
Vc
TWO-TO-THREE
CLARK
TRANSFORMATION
Vd
Vq
Vd1
Vq1
Figure 15. Harmonics Measurement Using AD2S100
MULTIPLE POLE MOTORS
For multi-pole motor applications where a single speed resolver
is used, the AD2S100 input has to be configured to match the
electrical cycle of the resolver with the phasing of the motor
windings. The input to the AD2S100 is the output of a resolver-
to-digital converter, e.g., AD2S80A series. The parallel output
of the converter needs to be multiplied by 2
n–1, where
n = the number of pole parts of the motor. In practice this is
implemented by shifting the parallel output of the converter left
relative to the number of pole pairs.
Figure 16 shows the generic configuration of the AD2S80A with
the AD2S100 for a motor with n pole pairs. The MSB of the
AD2S100 is connected to MSB-(n-1) bit of the AD2S80A digi-
tal output, MSB-1 bit to MSB-(n-2) bit, . . ., LSB bit to LSB
bit of AD2S80A, etc.
MSB
MSB-1
.
.
.
MSB – (n–1)
.
.
.
LSB + (n–1)
MSB
MSB-1
MSB-2
.
.
.
.
.
.
.
LSB
.
.
.
.
AD2S80A
AD2S100
12,14 OR 16-BIT RESOLUTION MODE
n = POLES
Figure 16. A General Consideration in Connecting R/D
Converter and AD2S100 for Multiple Pole Motors
Figure 17 shows the AD2S80A configured for use with a four
pole motor, where n = 2. Using the formula described the MSB
is shifted left once
AD2S80A
AD2S100
BIT1
BIT2
.
.
.
.
.
.
BIT13
BIT14
MSB
MSB-1
.
.
.
.
.
.
.
LSB
(MSB)
(LSB)
14-BIT RESOLUTION MODE
.
.
.
.
.
.
Figure 17. Connecting of R/D Converter AD2S80A and
AD2S100 for Four-Pole Motor Application


Similar Part No. - AD2S100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S100 AD-AD2S100_15 Datasheet
1,015Kb / 12P
   AC Vector Processor
REV. A
More results

Similar Description - AD2S100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S100 AD-AD2S100_15 Datasheet
1,015Kb / 12P
   AC Vector Processor
REV. A
logo
NXP Semiconductors
TDA9178 PHILIPS-TDA9178 Datasheet
227Kb / 36P
   YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
1999 Sep 24
logo
List of Unclassifed Man...
BITSYG5 ETC2-BITSYG5 Datasheet
1Mb / 2P
   Vector Floating Point co-processor Hardware MPEG video encoder
logo
Merrimac Industries, In...
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
   VECTOR MODULATOR
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
   VECTOR MODULATOR
VMD-2Q-2.0G MERRIMAC-VMD-2Q-2.0G Datasheet
174Kb / 5P
   VECTOR MODULATOR
logo
Keysight Technologies
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Agilent(Hewlett-Packard...
HPMX-2007 HP-HPMX-2007 Datasheet
105Kb / 8P
   Vector Modulator/Mixer
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com