Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD28msp01KN Datasheet(PDF) 20 Page - Analog Devices

Part No. AD28msp01KN
Description  PSTN Signal Port
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28msp01KN Datasheet(HTML) 20 Page - Analog Devices

Back Button AD28msp01KN Datasheet HTML 16Page - Analog Devices AD28msp01KN Datasheet HTML 17Page - Analog Devices AD28msp01KN Datasheet HTML 18Page - Analog Devices AD28msp01KN Datasheet HTML 19Page - Analog Devices AD28msp01KN Datasheet HTML 20Page - Analog Devices AD28msp01KN Datasheet HTML 21Page - Analog Devices AD28msp01KN Datasheet HTML 22Page - Analog Devices AD28msp01KN Datasheet HTML 23Page - Analog Devices AD28msp01KN Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD28msp01
REV. A
–20–
TIMING PARAMETERS
Parameter
Min
Max
Unit
Clock Signals
Timing Requirement:
FMCK
MCLK Frequency
13.824
13.824
MHz
± 50 ppm
tMCK
MCLK Period
72.34
72.34
ns
tMKL
MCLK Width Low
0.5tMCK – 10
0.5tMCK + 10
ns
tMKH
MCLK Width High
0.5tMCK – 10
0.5tMCK + 10
ns
Switching Characteristic:
tSCK
SCLK Period
8tMCK – 10
8tMCK + 10
ns
tSKL
SCLK Width Low
4tMCK – 10
4tMCK + 10
ns
tSKH
SCLK Width High
4tMCK – 10
4tMCK + 10
ns
Control Signals
Timing Requirement:
tRSP
RESET
Width Low
5tMCK
1
ns
NOTE
1Applies after power-up sequence is complete. Internal phase lock loop requires no more than 1000 processor cycles assuming stable CLKIN (not including
crystal oscillator start-up time).
MCLK
SCLK
t
MCK
t
MKL
t
MKH
t
SKH
t
SCK
t
SKL
Figure 16. Clock Signals
Serial Port 3-State
Parameter
Min
Max
Unit
Switching Characteristic:
tSPD
CS Low to SDO, SDOFS, SCLK Disable
20
ns
tSPE
CS High to SDO, SDOFS, SCLK Enable
0
ns
tSPV
CS High to SDO, SDOFS, SCLK Valid
25
ns
CS
t
SPD
t
SPV
t
SPE
SDO
SDOFS
SCLK
Figure 17. Serial Port 3-State


Similar Part No. - AD28msp01KN

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02BN AD-AD28MSP02BN Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02BR AD-AD28MSP02BR Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02KN AD-AD28MSP02KN Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02KR AD-AD28MSP02KR Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
More results

Similar Description - AD28msp01KN

ManufacturerPart No.DatasheetDescription
Bel Fuse Inc.
Bel Fuse Inc.
0803-7700-03 BEL-0803-7700-03 Datasheet
151Kb / 2P
   VDSL / PSTN CO Splitter
0803-7700-05 BEL-0803-7700-05 Datasheet
153Kb / 2P
   VDSL / PSTN CPE Splitter
Silver Telecom 2019
Silver Telecom 2019
AG2130 SILVERTEL-AG2130 Datasheet
154Kb / 11P
   Low Cost PSTN Interface
Bel Fuse Inc.
Bel Fuse Inc.
0803-7700-11 BEL-0803-7700-11 Datasheet
151Kb / 2P
   VDSL / PSTN CO Splitter
List of Unclassifed Manufacturers
List of Unclassifed Man...
AG2120 ETC1-AG2120 Datasheet
246Kb / 14P
   FULLY FEATURED PSTN INTERFACE
AG2130 ETC2-AG2130 Datasheet
322Kb / 11P
   LOW COST PSTN INTERFACE
Silver Telecom 2019
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
Analog Devices
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
Cynergy3 Co
Cynergy3 Co
SC-ISOCON3 CYNERGY3-SC-ISOCON3 Datasheet
190Kb / 1P
   3 Port Isolating Signal Converter
SC-ISOCON6 CYNERGY3-SC-ISOCON6 Datasheet
190Kb / 1P
   3 Port Isolating Signal Converter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz