Electronic Components Datasheet Search |
|
AD28msp01KN Datasheet(PDF) 18 Page - Analog Devices |
|
AD28msp01KN Datasheet(HTML) 18 Page - Analog Devices |
18 / 28 page AD28msp01–SPECIFICATIONS RECOMMENDED OPERATING CONDITIONS K Grade Symbol Parameter Min Max Unit VDD, VCC Supply Voltage 4.75 5.25 V TAMB Ambient Operating Temperature 0 +70 °C Refer to Environmental Conditions for information on case temperature and thermal specifications. REV. A –18– ESD SENSITIVITY The AD28msp01 features proprietary input protection circuitry to dissipate high-energy discharges (Human Body Model). Per Method 3015 of MIL-STD-883 the AD28msp01 has been classified as a Class 1 device. Proper ESD precautions are strongly recommended to avoid functional damage or performance degradation. Charges readily accumulate on the human body and test equipment and discharge without detection. Unused devices must be stored in conductive foam, trays, or tubes, and the foam should be discharged to the destination socket before devices are removed. WARNING! ESD SENSITIVE DEVICE ABSOLUTE MAXIMUM RATINGS* Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V Input Voltage . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V Output Voltage Swing . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V Operating Temperature Range (Ambient) . . . . . 0 °C to +70°C Storage Temperature Range . . . . . . . . . . . . –55 °C to +150°C Lead Temperature (5 seconds) SOIC . . . . . . . . . . . . +280 °C *Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Test Conditions Unless Otherwise Noted Temperature +25 °C Sample Rate (FS) 9.6 kHz Input Signal Frequency 993.75 Hz Input Signal Level 0.0 dBm0 Analog Input Gain Unity Analog Output Passband 220 Hz to 3.4 kHz |
Similar Part No. - AD28msp01KN |
|
Similar Description - AD28msp01KN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |