Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD28msp01KN Datasheet(PDF) 14 Page - Analog Devices

Part No. AD28msp01KN
Description  PSTN Signal Port
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28msp01KN Datasheet(HTML) 14 Page - Analog Devices

Back Button AD28msp01KN Datasheet HTML 10Page - Analog Devices AD28msp01KN Datasheet HTML 11Page - Analog Devices AD28msp01KN Datasheet HTML 12Page - Analog Devices AD28msp01KN Datasheet HTML 13Page - Analog Devices AD28msp01KN Datasheet HTML 14Page - Analog Devices AD28msp01KN Datasheet HTML 15Page - Analog Devices AD28msp01KN Datasheet HTML 16Page - Analog Devices AD28msp01KN Datasheet HTML 17Page - Analog Devices AD28msp01KN Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD28msp01
REV. A
–14–
Asynchronous Fallback TSYNC Mode
The Asynchronous Fallback TSYNC Mode is shown in Figure
10. TCONV, TBIT and TBAUD are generated internally but
phase locked to the external TSYNC input signal. RCONV,
RBIT and RBAUD are generated internally and can be phase
adjusted with the Receive Phase Adjust Register (Control
Register 4).
This mode is entered by setting the Operating Mode field in
Control Register 0. The RCONV/TCONV rate can be set to
9.6 kHz, 8.0 kHz or 7.2 kHz by setting the sample rate bit field
in Control Register 0. The TBIT and TBAUD clock rates are
set by adjusting the appropriate bits in Control Register 3. The
RBIT and RBAUD clock rates are set by adjusting the appropri-
ate bits in Control Register 2. The bit rates, baud rates and
TSYNC rate can be set to any combination of clock rates listed
in the control register descriptions.
AD28msp01
A/D
DATA
REGISTER 2
CONTROL
REGISTER 4
RX PHASE ADJUST
ANALOG IN
MCLK
16
16
DSP Processor
D/A
DATA
REGISTER 0
16
ANALOG OUT
TCONV
TBIT
TBAUD
PHASE ADJUST
TX CLOCKS
TX CLOCKS
RCONV
RBIT
RBAUD
PHASE ADJUST
CONVERT
START
RX CLOCKS
DIGITAL PHASE
LOCKED LOOP
TSYNC
FROM MODEM TX
TO MODEM RX
16
Figure 10. Asynchronous Fallback TSYNC Driven Mode Block Diagram
Asynchronous Fallback Mode
The Asynchronous Fallback Mode is shown in Figure 11.
TCONV, TBIT and TBAUD are generated internally and can
be phase adjusted with the Transmit Phase Adjust Register
(Control Register 5). RCONV, RBIT and RBAUD are gener-
ated internally and can also be phase adjusted with the Receive
Phase Adjust Register (Control Register 4). The digital phase-
locked is not used in this operating mode.
This mode is entered by setting the Operating Mode field in
Control Register 0. The RCONV/TCONV rate can be set to
9.6 kHz, 8.0 kHz or 7.2 kHz by setting the sample rate bit field
in Control Register 0. The TBIT and TBAUD clock rates are
set by adjusting the appropriate bits in Control Register 3. The
RBIT and RBAUD clock rates are set by adjusting the appropri-
ate bits in Control Register 2. The bit and baud rates can be set
to any combination of clock rates listed in the control register
descriptions.


Similar Part No. - AD28msp01KN

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02BN AD-AD28MSP02BN Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02BR AD-AD28MSP02BR Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02KN AD-AD28MSP02KN Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02KR AD-AD28MSP02KR Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
More results

Similar Description - AD28msp01KN

ManufacturerPart No.DatasheetDescription
Bel Fuse Inc.
Bel Fuse Inc.
0803-7700-03 BEL-0803-7700-03 Datasheet
151Kb / 2P
   VDSL / PSTN CO Splitter
0803-7700-05 BEL-0803-7700-05 Datasheet
153Kb / 2P
   VDSL / PSTN CPE Splitter
Silver Telecom 2019
Silver Telecom 2019
AG2130 SILVERTEL-AG2130 Datasheet
154Kb / 11P
   Low Cost PSTN Interface
Bel Fuse Inc.
Bel Fuse Inc.
0803-7700-11 BEL-0803-7700-11 Datasheet
151Kb / 2P
   VDSL / PSTN CO Splitter
List of Unclassifed Manufacturers
List of Unclassifed Man...
AG2120 ETC1-AG2120 Datasheet
246Kb / 14P
   FULLY FEATURED PSTN INTERFACE
AG2130 ETC2-AG2130 Datasheet
322Kb / 11P
   LOW COST PSTN INTERFACE
Silver Telecom 2019
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
Analog Devices
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
Cynergy3 Co
Cynergy3 Co
SC-ISOCON3 CYNERGY3-SC-ISOCON3 Datasheet
190Kb / 1P
   3 Port Isolating Signal Converter
SC-ISOCON6 CYNERGY3-SC-ISOCON6 Datasheet
190Kb / 1P
   3 Port Isolating Signal Converter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz