Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD28msp01KN Datasheet(PDF) 12 Page - Analog Devices

Part No. AD28msp01KN
Description  PSTN Signal Port
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28msp01KN Datasheet(HTML) 12 Page - Analog Devices

Back Button AD28msp01KN Datasheet HTML 8Page - Analog Devices AD28msp01KN Datasheet HTML 9Page - Analog Devices AD28msp01KN Datasheet HTML 10Page - Analog Devices AD28msp01KN Datasheet HTML 11Page - Analog Devices AD28msp01KN Datasheet HTML 12Page - Analog Devices AD28msp01KN Datasheet HTML 13Page - Analog Devices AD28msp01KN Datasheet HTML 14Page - Analog Devices AD28msp01KN Datasheet HTML 15Page - Analog Devices AD28msp01KN Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD28msp01
REV. A
–12–
V.32 Internal Sync Mode
In V.32 Internal Sync Mode, shown in Figure 8, the AD28msp01’s
transmit clocks are generated internally. The receive circuitry
operates synchronous to the transmit circuitry, but the data can
be resampled at a different phase through the resampling inter-
polation filter.
TCONV, TBIT and TBAUD are generated internally and can
be phase adjusted with the Transmit Phase Adjust Register
(Control Register 5). RCONV, RBIT and RBAUD are also gen-
erated internally and can be phase adjusted with the Receive
Phase Adjust Register (Control Register 4).
TCONV initiates a new ADC sample update, loads the ADC
register (Data Register 2), and loads the DAC register (Data
Register 0) with a new sample.
The digital resampling interpolation filter can be used for digital
resampling of the received signal. Enable this function by setting
Bit 9 in Control Register 0. The phase of the resampled signal is
adjusted with the Receive Phase Adjust Register. Samples are
loaded into the interpolator at the TCONV rate and are
resampled at the RCONV rate.
When entering V.32 Internal Sync Mode, RCONV is first
locked to TCONV. RCONV is then phase adjusted whenever a
new value is written to the Receive Phase Adjust Register (Con-
trol Register 4). If this mode is entered from a non-V.32 mode,
the device performs a soft reset. The time required to lock
TCONV to RCONV is dependent on the phase difference be-
tween RCONV and TCONV when entering the mode.
This mode is entered by setting the Operating Mode field in
Control Register 0. The RCONV/TCONV rate can be set to
9.6 kHz, 8.0 kHz or 7.2 kHz by setting the sample rate bit field
in Control Register 0. The TBIT and TBAUD clock rates are
set by adjusting the appropriate bits in Control Register 3. The
RBIT and RBAUD clock rates are set by adjusting the appropri-
ate bits in Control Register 2. The bit and baud rates can be set
to any combination of clock rates listed in the control register
descriptions.
ECHO
CANCELLATION
TO MODEM RX
FROM MODEM TX
DATA
REGISTER 1
DATA
REGISTER 3
PHASE
ADJUST
INTERPOLATION
FILTER
AD28msp01
A/D
DATA
REGISTER 2
CONTROL
REGISTER 4
RX PHASE ADJUST
RX CLOCKS
ANALOG IN
TX CLOCKS
MCLK
TCONV
TBIT
TBAUD
PHASE ADJUST
D/A
DATA
REGISTER 0
16
ANALOG OUT
CONVERT
START
16
16
16
16
16
16
16
DSP Processor
RCONV
RBIT
RBAUD
PHASE ADJUST
RX CLOCKS
TX CLOCKS
CONTROL
REGISTER 5
TX PHASE ADJUST
Figure 8. V.32 Internal Sync Mode Block Diagram


Similar Part No. - AD28msp01KN

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02BN AD-AD28MSP02BN Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02BR AD-AD28MSP02BR Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02KN AD-AD28MSP02KN Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
AD28MSP02KR AD-AD28MSP02KR Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
More results

Similar Description - AD28msp01KN

ManufacturerPart No.DatasheetDescription
Bel Fuse Inc.
Bel Fuse Inc.
0803-7700-03 BEL-0803-7700-03 Datasheet
151Kb / 2P
   VDSL / PSTN CO Splitter
0803-7700-05 BEL-0803-7700-05 Datasheet
153Kb / 2P
   VDSL / PSTN CPE Splitter
Silver Telecom 2019
Silver Telecom 2019
AG2130 SILVERTEL-AG2130 Datasheet
154Kb / 11P
   Low Cost PSTN Interface
Bel Fuse Inc.
Bel Fuse Inc.
0803-7700-11 BEL-0803-7700-11 Datasheet
151Kb / 2P
   VDSL / PSTN CO Splitter
List of Unclassifed Manufacturers
List of Unclassifed Man...
AG2120 ETC1-AG2120 Datasheet
246Kb / 14P
   FULLY FEATURED PSTN INTERFACE
AG2130 ETC2-AG2130 Datasheet
322Kb / 11P
   LOW COST PSTN INTERFACE
Silver Telecom 2019
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
Analog Devices
Analog Devices
AD28MSP02 AD-AD28MSP02 Datasheet
330Kb / 20P
   Voiceband Signal Port
REV. 0
Cynergy3 Co
Cynergy3 Co
SC-ISOCON3 CYNERGY3-SC-ISOCON3 Datasheet
190Kb / 1P
   3 Port Isolating Signal Converter
SC-ISOCON6 CYNERGY3-SC-ISOCON6 Datasheet
190Kb / 1P
   3 Port Isolating Signal Converter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz