Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD28MSP02KN Datasheet(PDF) 10 Page - Analog Devices

Part # AD28MSP02KN
Description  Voiceband Signal Port
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP02KN Datasheet(HTML) 10 Page - Analog Devices

Back Button AD28MSP02KN Datasheet HTML 6Page - Analog Devices AD28MSP02KN Datasheet HTML 7Page - Analog Devices AD28MSP02KN Datasheet HTML 8Page - Analog Devices AD28MSP02KN Datasheet HTML 9Page - Analog Devices AD28MSP02KN Datasheet HTML 10Page - Analog Devices AD28MSP02KN Datasheet HTML 11Page - Analog Devices AD28MSP02KN Datasheet HTML 12Page - Analog Devices AD28MSP02KN Datasheet HTML 13Page - Analog Devices AD28MSP02KN Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD28msp02
REV. 0
–10–
DEFINITION OF SPECIFICATIONS
Absolute Gain
Absolute gain is a measure of converter gain for a known signal.
Absolute gain is measured with a 1.0 kHz sine wave at 0 dBm0.
The absolute gain specification is used as a reference for gain
tracking error specification.
Gain Tracking Error
Gain tracking error measures changes in converter output for
different signal levels relative to an absolute signal level. The ab-
solute signal level is 1 kHz at 0 dBm0 (equal to absolute gain).
Gain tracking error at 0 dBm0 is 0 dB by definition.
SNR + THD
Signal-to-noise ratio plus total harmonic distortion is defined to
be the ratio of the rms value of the measured input signal to the
rms sum of all other spectral components in the frequency range
300 Hz–3400 Hz, including harmonics but excluding dc.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities will create distortion
products at sum and difference frequencies of mfa
± nfb where
m, n = 0, 1, 2, 3, etc. Intermodulation terms are those for which
neither m or n are equal to zero. For final testing, the second or-
der terms include (fa + fb) and (fa – fb), while the third order
terms include (2fa + fb), (2fa – fb), (fa + 2fb), and (fa – 2fb).
Idle Channel Noise
Idle channel noise is defined as the total signal energy measured
at the output of the device when the input is grounded (mea-
sured in the frequency range 300 Hz–3400 Hz).
Crosstalk
Crosstalk is defined as the ratio of the amplitude of a full-scale
signal appearing on one channel to the amplitude of the same
signal which couples onto the adjacent channel. Crosstalk is ex-
pressed in dB.
Power Supply Rejection
Power supply rejection measures the susceptibility of a device to
noise on the power supply. Power supply rejection is measured
by modulating the power supply with a sine wave and measuring
the noise at the output (relative to 0 dB).
Group Delay
Group delay is defined as the derivative of radian phase with re-
spect to radian frequency,
∂φ(ω)/∂ω. Group delay is a measure
of average delay of a system as a function of frequency. A linear
system with a constant group delay has a linear phase response.
The deviation of group delay away from a constant indicates the
degree of nonlinear phase response of the system.


Similar Part No. - AD28MSP02KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD28MSP01 AD-AD28MSP01 Datasheet
368Kb / 28P
   PSTN Signal Port
REV. A
AD28msp01KN AD-AD28msp01KN Datasheet
368Kb / 28P
   PSTN Signal Port
REV. A
AD28msp01KP AD-AD28msp01KP Datasheet
368Kb / 28P
   PSTN Signal Port
REV. A
AD28msp01KR AD-AD28msp01KR Datasheet
368Kb / 28P
   PSTN Signal Port
REV. A
AD28msp01KST AD-AD28msp01KST Datasheet
368Kb / 28P
   PSTN Signal Port
REV. A
More results

Similar Description - AD28MSP02KN

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Winbond
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
W681310 WINBOND-W681310_07 Datasheet
324Kb / 38P
   3V SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com