Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1806 Datasheet(PDF) 3 Page - Transcom, Inc.

Part # TC1806
Description  5W High Linearity and High Efficiency GaAs Power FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1806 Datasheet(HTML) 3 Page - Transcom, Inc.

  TC1806 Datasheet HTML 1Page - Transcom, Inc. TC1806 Datasheet HTML 2Page - Transcom, Inc. TC1806 Datasheet HTML 3Page - Transcom, Inc. TC1806 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TC1806
REV4_20070502
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
3 / 4
TYPICAL SCATTERING PARAMETERS
(TA=25
°°°°C) V
DS = 8 V, IDS = 1200 mA
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.9738
-175.53
1.6351
76.59
0.0107
-2.09
0.7913
-175.80
3
0.9746
-177.12
1.0563
68.50
0.0104
-4.49
0.8063
-174.74
4
0.9754
-177.96
0.7606
61.30
0.0100
-5.99
0.8237
-173.94
5
0.9764
-178.52
0.5805
54.82
0.0095
-6.75
0.8416
-173.45
6
0.9773
-178.94
0.4597
49.01
0.0091
-6.82
0.8588
-173.23
7
0.9781
-179.27
0.3739
43.79
0.0087
-6.29
0.8745
-173.19
8
0.9789
-179.57
0.3103
39.12
0.0083
-5.21
0.8885
-173.29
9
0.9796
-179.83
0.2619
34.92
0.0080
-3.67
0.9006
-173.47
10
0.9802
179.94
0.2242
31.16
0.0077
-1.75
0.9111
-173.71
11
0.9807
179.71
0.1942
27.76
0.0074
0.49
0.9201
-173.97
12
0.9811
179.50
0.1701
24.68
0.0072
2.95
0.9278
-174.25
13
0.9815
179.30
0.1504
21.89
0.0071
5.58
0.9345
-174.53
14
0.9818
179.11
0.1341
19.35
0.0070
8.31
0.9401
-174.80
15
0.9821
178.93
0.1205
17.02
0.0069
11.09
0.9451
-175.06
16
0.9823
178.75
0.1091
14.89
0.0069
13.87
0.9493
-175.32
17
0.9826
178.57
0.0993
12.92
0.0069
16.62
0.9530
-175.56
18
0.9827
178.40
0.0909
11.11
0.0069
19.31
0.9562
-175.79
* The data does not include gate and drain bond wires.
10.0
5.0
3.0
4.0
-0.2
-0.4
Swp Max
18GHz
Swp Min
2GHz
S11
0
15
30
150
165
-180
-165
-150
-30
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
0.015
0.0075
Per Div
S12
0
15
30
15
0
165
-180
-16
5
-1
50
-3
0
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
2
0.5
Per Div
S21
10.0
5.0
3.0
4.0
-0.2
-0.4
Swp Max
18GHz
Swp Min
2GHz
S22


Similar Part No. - TC1806

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
TC1800H LITEON-TC1800H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Transcom, Inc.
TC1801 TRANSCOM-TC1801 Datasheet
109Kb / 3P
   5W High Linearity and High Efficiency GaAs Power FETs
logo
Productwell Precision E...
TC1809D-200M PRODUCTWELL-TC1809D-200M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC1806

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1801 TRANSCOM-TC1801 Datasheet
109Kb / 3P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1601 TRANSCOM-TC1601 Datasheet
108Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1404N TRANSCOM-TC1404N Datasheet
73Kb / 3P
   0.5W High Linearity and High Efficiency GaAs Power FETs
TC1606N TRANSCOM-TC1606N Datasheet
67Kb / 2P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1504N TRANSCOM-TC1504N Datasheet
186Kb / 6P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1501 TRANSCOM-TC1501 Datasheet
179Kb / 5P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1501N TRANSCOM-TC1501N Datasheet
156Kb / 4P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1606 TRANSCOM-TC1606 Datasheet
150Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
   3 W High Linearity and High Efficiency GaAs Power FETs
TC1401N TRANSCOM-TC1401N Datasheet
175Kb / 5P
   0.5 W High Linearity and High Efficiency GaAs Power FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com