Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1601 Datasheet(PDF) 3 Page - Transcom, Inc.

Part # TC1601
Description  2W High Linearity and High Efficiency GaAs Power FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1601 Datasheet(HTML) 3 Page - Transcom, Inc.

  TC1601 Datasheet HTML 1Page - Transcom, Inc. TC1601 Datasheet HTML 2Page - Transcom, Inc. TC1601 Datasheet HTML 3Page - Transcom, Inc. TC1601 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TC1601
REV4_20060510
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
3 / 4
TYPICAL SCATTERING PARAMETER (VDS = 8 V, IDS = 500 mA)
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.05
0.99574
-28.397
37.17
165.02
0.0078177
75.215
0.16856
-68.237
0.1
0.98587
-53.672
34.038
151.75
0.014318
62.138
0.26521
-97.116
0.2
0.96544
-90.648
26.53
132.47
0.022319
43.232
0.3948
-125.14
0.3
0.95271
-113.2
20.626
120.66
0.026028
31.814
0.45652
-139.36
0.4
0.94572
-127.35
16.544
113.1
0.027836
24.636
0.48709
-147.65
0.5
0.94174
-136.8
13.697
107.88
0.028806
19.799
0.50388
-152.91
0.6
0.93933
-143.46
11.638
104.03
0.029372
16.331
0.51405
-156.46
0.7
0.93779
-148.39
10.095
101.03
0.029723
13.717
0.52079
-158.96
0.8
0.93676
-152.16
8.901
98.595
0.029952
11.664
0.5256
-160.78
0.9
0.93605
-155.14
7.9524
96.548
0.030104
10.001
0.52927
-162.13
1
0.93554
-157.54
7.1819
94.779
0.030208
8.6153
0.53225
-163.14
1.1
0.93518
-159.53
6.5443
93.216
0.030278
7.4363
0.53479
-163.92
1.2
0.93491
-161.19
6.0082
91.811
0.030325
6.4143
0.53706
-164.51
1.3
0.93472
-162.59
5.5514
90.528
0.030354
5.5145
0.53916
-164.95
1.4
0.93458
-163.81
5.1576
89.341
0.03037
4.7118
0.54115
-165.29
1.5
0.93448
-164.86
4.8147
88.233
0.030375
3.9874
0.54309
-165.54
1.6
0.93441
-165.78
4.5133
87.19
0.030371
3.3272
0.545
-165.72
1.7
0.93437
-166.6
4.2465
86.2
0.030361
2.7205
0.54691
-165.84
1.8
0.93435
-167.32
4.0085
85.254
0.030345
2.1586
0.54882
-165.92
1.9
0.93435
-167.97
3.7949
84.347
0.030324
1.635
0.55076
-165.96
2
0.93436
-168.55
3.6022
83.473
0.030298
1.1442
0.55273
-165.97
3
0.93501
-172.24
2.3682
75.87
0.02987
-2.6275
0.57477
-165.17
4
0.93615
-174.09
1.7392
69.39
0.02924
-5.282
0.60072
-164.02
5
0.93754
-175.19
1.3557
63.538
0.02848
-7.316
0.62891
-163.13
6
0.93905
-175.95
1.0969
58.161
0.02764
-8.8846
0.65763
-162.62
7
0.9406
-176.5
0.91049
53.193
0.02676
-10.055
0.68559
-162.45
8
0.94213
-176.94
0.77029
48.597
0.02587
-10.869
0.71196
-162.56
9
0.94358
-177.29
0.66149
44.343
0.02499
-11.358
0.73629
-162.88
10
0.94495
-177.6
0.57506
40.401
0.02415
-11.554
0.7584
-163.33
11
0.94621
-177.87
0.50515
36.746
0.02334
-11.487
0.77829
-163.88
12
0.94736
-178.11
0.44776
33.3519
0.02259
-11.185
0.79607
-164.47
13
0.94841
-178.34
0.40006
30.196
0.0219
-10.675
0.81191
-165.1
14
0.94935
-178.54
0.36001
27.254
0.02126
-9.985
0.82598
-165.74
15
0.95019
-178.73
0.32605
24.506
0.02068
-9.1377
0.83848
-166.37
16
0.95096
-178.91
0.29703
21.933
0.02015
-8.1559
0.84959
-167
17
0.95164
-179.08
0.27204
19.5189
0.01968
-7.06
0.85948
-167.6
18
0.95225
-179.23
0.25036
17.248
0.01926
-5.8689
0.8683
-168.19
* The data does not include gate, drain and source bond wires.


Similar Part No. - TC1601

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1606 TRANSCOM-TC1606 Datasheet
150Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1606N TRANSCOM-TC1606N Datasheet
67Kb / 2P
   2W High Linearity and High Efficiency GaAs Power FETs
logo
Productwell Precision E...
TC1608D-150M PRODUCTWELL-TC1608D-150M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC1608D-680M PRODUCTWELL-TC1608D-680M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC1609D-680M PRODUCTWELL-TC1609D-680M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC1601

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1606N TRANSCOM-TC1606N Datasheet
67Kb / 2P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1606 TRANSCOM-TC1606 Datasheet
150Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1801 TRANSCOM-TC1801 Datasheet
109Kb / 3P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1404N TRANSCOM-TC1404N Datasheet
73Kb / 3P
   0.5W High Linearity and High Efficiency GaAs Power FETs
TC1504N TRANSCOM-TC1504N Datasheet
186Kb / 6P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1806 TRANSCOM-TC1806 Datasheet
158Kb / 4P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1501 TRANSCOM-TC1501 Datasheet
179Kb / 5P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1501N TRANSCOM-TC1501N Datasheet
156Kb / 4P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
   3 W High Linearity and High Efficiency GaAs Power FETs
TC1401N TRANSCOM-TC1401N Datasheet
175Kb / 5P
   0.5 W High Linearity and High Efficiency GaAs Power FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com